Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3322 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT3322
Description  1500 VDC Isolation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3322 Datasheet(HTML) 5 Page - Texas Instruments

  PT3322 Datasheet HTML 1Page - Texas Instruments PT3322 Datasheet HTML 2Page - Texas Instruments PT3322 Datasheet HTML 3Page - Texas Instruments PT3322 Datasheet HTML 4Page - Texas Instruments PT3322 Datasheet HTML 5Page - Texas Instruments PT3322 Datasheet HTML 6Page - Texas Instruments PT3322 Datasheet HTML 7Page - Texas Instruments PT3322 Datasheet HTML 8Page - Texas Instruments PT3322 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
Table 2
DC/DC CONVERTER ADJUSTMENT RESISTOR VALUES
Series Pt #
AL Case
24V Bus
PT3341
48V Bus
PT3327
PT3325
PT3326
PT3321
CU Case
24V Bus
PT4585
PT4581
48V Bus
PT4567
PT4565
PT4566
PT4561
Current
8Adc
8Adc
8Adc
8Adc
8Adc
Vo(nom)
1.8V
1.8V
2.0V
2.5V
3.3V
Va(req’d)
R1 = (Blue)
R2 = Black
1.65
(80.3)k
(80.3)k
1.7
(189.0)k
(189.0)k
1.75
(516.0)k
(516.0)k
1.8
1.85
1.31M
1.31M
(62.5)k
1.9
615.0k
615.0k
(194.0)k
1.95
383.0k
383.0k
(589.0)k
2.0
267.0k
2.05
198.0k
1.1M
2.1
151.0k
475.0k
2.15
118.0k
266.0k
2.2
93.3k
162.0k
2.25
74.0k
(20.7)k
2.3
58.6k
(64.7.0)k
2.35
45.9k
(138.0)k
2.4
35.4k
(285.0)k
2.45
26.4k
(726.0)k
2.5
18.8k
2.55
726.0k
2.6
302.0k
2.65
161.0k
2.7
90.6k
2.75
48.3k
2.95
(127.0)k
3.0
(183.0)k
3.05
(261.0)k
3.1
(377.0)k
3.15
(572.0)k
3.2
(961.0)k
3.25
(2.13)M
3.3
3.35
1.23M
3.4
539.0k
3.45
309.0k
3.5
194.0k
3.55
126.0k
3.6
79.6k
3.65
46.8k
PT3320/3340/4560/4580 Series


Similar Part No. - PT3322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3322 TI-PT3322 Datasheet
1Mb / 5P
[Old version datasheet]   30 WATT ISOLATED DC/DC CONVERTER
PT3322 TI-PT3322 Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322 TI1-PT3322 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT3322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
   1500 VDC Isolation, 3000 VDC Option
logo
Micropac Industries
66170 MICROPAC-66170 Datasheet
64Kb / 2P
   1500 Vdc isolation test voltage
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
AET ARTESYN-AET Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com