Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL1708DBQR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1708DBQR
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1708DBQR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PLL1708DBQR Datasheet HTML 4Page - Texas Instruments PLL1708DBQR Datasheet HTML 5Page - Texas Instruments PLL1708DBQR Datasheet HTML 6Page - Texas Instruments PLL1708DBQR Datasheet HTML 7Page - Texas Instruments PLL1708DBQR Datasheet HTML 8Page - Texas Instruments PLL1708DBQR Datasheet HTML 9Page - Texas Instruments PLL1708DBQR Datasheet HTML 10Page - Texas Instruments PLL1708DBQR Datasheet HTML 11Page - Texas Instruments PLL1708DBQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
8
Figure 5
VCC – Supply Voltage – V
DUTY CYCLE
vs
SUPPLY VOLTAGE
45
46
47
48
49
50
51
52
53
54
55
2.7
3.0
3.3
3.6
MCKO1
SCKO1
SCKO2
SCKO3
SCKO0
MCKO2
Figure 6
TA – Free-Air Temperature – °C
DUTY CYCLE
vs
FREE-AIR TEMPERATURE
45
46
47
48
49
50
51
52
53
54
55
–50
–25
0
25
50
75
100
SCKO3
MCKO1
MCKO2
SCKO1
SCKO2
SCKO0
NOTE: All specifications at TA = 25°C, VDD1–3 (= VDD) = VCC = +3.3 V, fM = 27 MHz, crystal oscillation, C1, C2 = 15 pF, default frequency
(33.8688 MHz for SCKO0, 36.864 MHz for SCKO1, 256 fS and 384 fS of 48 kHz for SCKO2 and SCKO3), CL = 20 pF on measurement pin,
unless otherwise noted.


Similar Part No. - PLL1708DBQR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PLL1708DBQR BURR-BROWN-PLL1708DBQR Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
More results

Similar Description - PLL1708DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLL1705 TI-PLL1705 Datasheet
128Kb / 17P
[Old version datasheet]   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1707-Q1 TI1-PLL1707-Q1 Datasheet
602Kb / 18P
[Old version datasheet]   3.3-V DUAL-PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1705 BURR-BROWN-PLL1705_06 Datasheet
157Kb / 18P
   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
   3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
   3.3 V 1:8 LVCMOS PLL Clock Generator
2019
logo
Motorola, Inc
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
   3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
   3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
   3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com