Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL1707DBQG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # PLL1707DBQG4
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1707DBQG4 Datasheet(HTML) 2 Page - Texas Instruments

  PLL1707DBQG4 Datasheet HTML 1Page - Texas Instruments PLL1707DBQG4 Datasheet HTML 2Page - Texas Instruments PLL1707DBQG4 Datasheet HTML 3Page - Texas Instruments PLL1707DBQG4 Datasheet HTML 4Page - Texas Instruments PLL1707DBQG4 Datasheet HTML 5Page - Texas Instruments PLL1707DBQG4 Datasheet HTML 6Page - Texas Instruments PLL1707DBQG4 Datasheet HTML 7Page - Texas Instruments PLL1707DBQG4 Datasheet HTML 8Page - Texas Instruments PLL1707DBQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
2
FUNCTIONAL BLOCK DIAGRAM
Mode Control Interface
( ): PLL1708
XT1
(MS)
SR
(MC)
FS2
(MD)
FS1
CSEL
PLL2
PLL1
OSC
XT2
MCKO1
MCKO2
SCKO0
Divider
Divider
Divider
SCKO1
SCKO2
SCKO3
Reset
Power Supply
VCC AGND VDD1–3 DGND1–3
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE CODE
OPERATION
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
PLL1707DBQ
SSOP 20
20DBQ
25
°Cto85°C
PLL1707
PLL1707DBQ
Tube
PLL1707DBQ
SSOP 20
20DBQ
–25
°C to 85°C
PLL1707
PLL1707DBQR
Tape and reel
PLL1708DBQ
SSOP 20
20DBQ
25
°Cto85°C
PLL1708
PLL1708DBQ
Tube
PLL1708DBQ
SSOP 20
20DBQ
–25
°C to 85°C
PLL1708
PLL1708DBQR
Tape and reel
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
PLL1705 AND PLL1706
Supply voltage: VCC, VDD1–VDD3
4 V
Supply voltage differences: VCC, VDD1–VDD3
±0.1 V
Ground voltage differences: AGND, DGND1–DGND3
±0.1 V
Digital input voltage: FS1 (MD), FS2 (MC), SR (MS), CSEL
– 0.3 V to (VDD + 0.3) V
Analog input voltage, XT1, XT2
– 0.3 V to (VCC + 0.3) V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - PLL1707DBQG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PLL1707DBQ BURR-BROWN-PLL1707DBQ Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
PLL1707DBQR BURR-BROWN-PLL1707DBQR Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
More results

Similar Description - PLL1707DBQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLL1705 TI-PLL1705 Datasheet
128Kb / 17P
[Old version datasheet]   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1707-Q1 TI1-PLL1707-Q1 Datasheet
602Kb / 18P
[Old version datasheet]   3.3-V DUAL-PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1705 BURR-BROWN-PLL1705_06 Datasheet
157Kb / 18P
   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
   3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
   3.3 V 1:8 LVCMOS PLL Clock Generator
2019
logo
Motorola, Inc
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
   3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
   3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
   3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com