Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC4052B1R Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC4052B1R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4052B1R Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC4052B1R Datasheet HTML 1Page - STMicroelectronics M74HC4052B1R Datasheet HTML 2Page - STMicroelectronics M74HC4052B1R Datasheet HTML 3Page - STMicroelectronics M74HC4052B1R Datasheet HTML 4Page - STMicroelectronics M74HC4052B1R Datasheet HTML 5Page - STMicroelectronics M74HC4052B1R Datasheet HTML 6Page - STMicroelectronics M74HC4052B1R Datasheet HTML 7Page - STMicroelectronics M74HC4052B1R Datasheet HTML 8Page - STMicroelectronics M74HC4052B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M74HC4052
5/12
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C -55 to 125°C
Min.
Typ.
Max.
Min. Max.
Min.
Max.
Φ
I/O
Phase Difference
Between Input and
Output
2.0
GND
25
60
75
90
ns
4.5
GND
6
12
15
18
6.0
GND
5
10
13
15
4.5
-4.5
4
tPZL
tPZH
Output Enable
Time
2.0
GND
RL = 1K
64
225
280
340
ns
4.5
GND
18
45
56
68
6.0
GND
15
38
48
58
4.5
-4.5
18
tPLZ
tPHZ
Output Disable
Time
2.0
GND
RL = 1K
100
250
315
375
ns
4.5
GND
33
50
63
70
6.0
GND
28
43
54
64
4.5
-4.5
29
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C -55 to 125°C
Min.
Typ.
Max.
Min. Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
10
10
10
pF
CI/O
Common Terminal
Capacitance
5.0
-5.0
19
40
40
40
pF
CI/O
Switch Terminal
Capacitance
5.0
-5.0
7
15
15
15
pF
CIOS
Feed Through
Capacitance
5.0
-5.0
0.85
2
2
2
pF
CPD
Power Dissipation
Capacitance
(note 1)
5.0
GND
71
pF


Similar Part No. - M74HC4052B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4052B1R STMICROELECTRONICS-M74HC4052B1R Datasheet
301Kb / 15P
   ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
More results

Similar Description - M74HC4052B1R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com