Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA308 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PGA308
Description  Programmable Gain and Offset
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA308 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PGA308 Datasheet HTML 5Page - Texas Instruments PGA308 Datasheet HTML 6Page - Texas Instruments PGA308 Datasheet HTML 7Page - Texas Instruments PGA308 Datasheet HTML 8Page - Texas Instruments PGA308 Datasheet HTML 9Page - Texas Instruments PGA308 Datasheet HTML 10Page - Texas Instruments PGA308 Datasheet HTML 11Page - Texas Instruments PGA308 Datasheet HTML 12Page - Texas Instruments PGA308 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Temperature( C)
°
-50
150
100
75
125
0
-25
50
25
40
35
30
25
20
15
10
5
0
Temperature( C)
°
-50
150
100
75
125
0
-25
50
25
900
800
700
600
500
400
300
200
100
0
Temperature( C)
°
-50
150
100
75
125
-25
50
25
0
0.6
0.5
0.4
0.3
0.2
0.1
0
+11mVOffsetAdjust
-10mVOffsetAdjust
+51mVto+99mVOffsetAdjust
-
-100mVOffsetAdjust
50mVto
Temperature(°C)
-
50
150
100
75
125
0
3s
3s
-
25
50
25
50
40
30
20
10
0
-
10
-
20
-
30
-
40
ThreeTypicalUnitsShown
Unit1
Unit2
Unit3
0V
0V
Time(2s/div)
CoarseOffset=0V
CoarseOffset=2.5mV
Frequency(Hz)
100
1k
10k
100k
1
0.1
0.01
Offset=100mV,G=4x1x1
Offset=40mV,G=100x1x1
Offset=100mV,G=32x1x1
Offset=0V,G=4x1x1
Offset=0V,G=1600x1x1
Offset=0V,G=100x1x1
Offset=0V,G=32x1x1
Clock
Feed-
through
PGA308
www.ti.com
SBOS440B – JULY 2008 – REVISED DECEMBER 2010
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = VREF = DOUT/VCLAMP = +5V, RL = 10kΩ and CL = 100pF connected to GND, unless otherwise noted.
Gain format is presented: G = FE-PGA × Fine Gain × Output Gain.
FRONT-END PGA INPUT BIAS CURRENT
FRONT-END PGA INPUT BIAS CURRENT
WITH IPU ENABLED vs TEMPERATURE
WITH IPU DISABLED vs TEMPERATURE
Figure 1.
Figure 2.
COARSE OFFSET ADJUST ERROR vs
FRONT-END PGA OFFSET VOLTAGE vs
TEMPERATURE
TEMPERATURE
Figure 3.
Figure 4.
0.1Hz TO 10Hz OUTPUT NOISE
INPUT-REFERRED FRONT-END NOISE vs
(G = 1600)
FREQUENCY
Figure 5.
Figure 6.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PGA308


Similar Part No. - PGA308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA308 TI-PGA308 Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
PGA308-DIE TI1-PGA308-DIE Datasheet
91Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET
PGA308-Q1 TI1-PGA308-Q1 Datasheet
812Kb / 26P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
PGA308AIDGSR TI-PGA308AIDGSR Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
PGA308AIDGST TI-PGA308AIDGST Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
More results

Similar Description - PGA308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA308-DIE TI1-PGA308-DIE Datasheet
91Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET
PGA308-Q1 TI1-PGA308-Q1 Datasheet
812Kb / 26P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
logo
Analog Devices
HMC6301 AD-HMC6301 Datasheet
725Kb / 24P
   Programmable baseband gain and filter bandwidth
logo
List of Unclassifed Man...
XE2003 ETC-XE2003 Datasheet
88Kb / 6P
   CAPACITIVE SENSOR INTERFACE CIRCUIT WITH GAIN AND OFFSET ADJUSTMENT
logo
STMicroelectronics
STPMS2 STMICROELECTRONICS-STPMS2 Datasheet
1Mb / 36P
   Programmable chopper-stabilized low noise and low offset amplifier
March 2016 Rev 5
logo
Analog Devices
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com