Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA308 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PGA308
Description  Programmable Gain and Offset
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA308 Datasheet(HTML) 5 Page - Texas Instruments

  PGA308 Datasheet HTML 1Page - Texas Instruments PGA308 Datasheet HTML 2Page - Texas Instruments PGA308 Datasheet HTML 3Page - Texas Instruments PGA308 Datasheet HTML 4Page - Texas Instruments PGA308 Datasheet HTML 5Page - Texas Instruments PGA308 Datasheet HTML 6Page - Texas Instruments PGA308 Datasheet HTML 7Page - Texas Instruments PGA308 Datasheet HTML 8Page - Texas Instruments PGA308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PGA308
www.ti.com
SBOS440B – JULY 2008 – REVISED DECEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VS = +5V, GND = 0V, DOUT/VCLAMP = +5V, and VREF = +5V, unless otherwise noted.
PGA308
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Over- and Under-Scale Limits
Over-Scale Thresholds
VLIM = 4V, register-selectable ratio of VLIM
OS0
HL[2:0] (CFG1 register D[5:3]) = 000
0.97
0.9805
0.99
V/V
OS1
HL[2:0] (CFG1 register D[5:3]) = 001
0.9588
0.9688
0.9788
V/V
OS2
HL[2:0] (CFG1 register D[5:3]) = 010
0.9509
0.9609
0.9709
V/V
OS3
HL[2:0] (CFG1 register D[5:3]) = 011
0.9392
0.9492
0.9492
V/V
OS4
HL[2:0] (CFG1 register D[5:3]) = 100
0.8416
0.8516
0.8616
V/V
OS5
HL[2:0] (CFG1 register D[5:3]) = 101
0.7673
0.7773
0.7873
V/V
OS6
HL[2:0] (CFG1 register D[5:3]) = 110
0.6189
0.6289
0.6389
V/V
OS7
HL[2:0] (CFG1 register D[5:3]) = 111
0.5603
0.5703
0.5803
V/V
Over-Scale Threshold Tempco
±3
ppm/°C
Over-Scale Amplifier Offset
±9
mV
Over-Scale Amplifier Offset Drift
±10
mV/°C
Under-Scale Thresholds
VLIM = 5V, register-selectable ratio of VLIM
US7
LL[2:0] (CFG1 register D[2:0]) = 111
0.0487
0.0547
0.0607
V/V
US6
LL[2:0] (CFG1 register D[2:0]) = 110
0.04478
0.05078
0.05678
V/V
US5
LL[2:0] (CFG1 register D[2:0]) = 101
0.04088
0.04688
0.05288
V/V
US4
LL[2:0] (CFG1 register D[2:0]) = 100
0.03306
0.03906
0.04506
V/V
US3
LL[2:0] (CFG1 register D[2:0]) = 011
0.02916
0.03516
0.04116
V/V
US2
LL[2:0] (CFG1 register D[2:0]) = 010
0.02525
0.03125
0.03725
V/V
US1
LL[2:0] (CFG1 register D[2:0]) = 001
0.01743
0.02343
0.02943
V/V
US0
LL[2:0] (CFG1 register D[2:0]) = 000
0.01353
0.01953
0.02553
V/V
Under-Scale Threshold Tempco
±3
ppm/°C
Under-Scale Amplifier Offset
±9
mV
Under-Scale Amplifier Offset Drift
±10
mV/°C
Output Voltage Clamp
Input Voltage Range
VCLAMP ≤ VS, VS = +5V
1.25
4.95
V
Input Bias Current
±60
nA
VOUT Clamp Point
VCLAMP – 0.05
VCLAMP
VCLAMP + 0.05
V
Fault Monitor Circuit
(External Comparators)
INP_HI Comparator Threshold
Fault Detect Mode Select = 0 (bridge fault); see CFG1
Smaller of (VS – 1.2) or (0.65VFLT)
V
INN_HI Comparator Threshold
register
INP_LO Comparator Threshold
Fault Detect Mode Select = 0 (bridge fault); see CFG1
Larger of (0.1V) or (0.35VFLT)
V
INN_LO Comparator Threshold
register
Fault Monitor Reference
VFLT
Fault Monitor Reference; see CFG1 register, FLT REF bit
VS or VREF
V
sets VFLT
INP_HI Comparator Threshold
Fault Detect Mode Select = 1 (common-mode fault); see
VS – 1.2
V
INN_HI Comparator Threshold
CFG1 register
INP_LO Comparator Threshold
Fault Detect Mode Select = 1 (common-mode fault); see
70
100
130
mV
INN_LO Comparator Threshold
CFG1 register
Comparator Hysteresis
7
mV
Comparator Input Offset Voltage
±10
mV
Fault Monitor Circuit
(Internal Comparators)
A1SAT_LO Comparator Threshold
Threshold is amplifier negative saturation voltage
100
mV
A2SAT_LO Comparator Threshold
A1SAT_HI Comparator Threshold
Threshold is amplifier positive saturation voltage
VS – 0.12
V
A2SAT_HI Comparator Threshold
A3SAT_LO Comparator Threshold
Threshold is amplifier negative saturation voltage
50
mV
VIN1, VIN2 Pull-up Current Sources
Pull-Up Current Source
IPU
Register-selectable
15
30
45
nA
Current Source Matching
±1.5
±7
nA
Current Source Tempco
±5
pA/°C
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PGA308


Similar Part No. - PGA308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA308 TI-PGA308 Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
PGA308-DIE TI1-PGA308-DIE Datasheet
91Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET
PGA308-Q1 TI1-PGA308-Q1 Datasheet
812Kb / 26P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
PGA308AIDGSR TI-PGA308AIDGSR Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
PGA308AIDGST TI-PGA308AIDGST Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
More results

Similar Description - PGA308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA308-DIE TI1-PGA308-DIE Datasheet
91Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET
PGA308-Q1 TI1-PGA308-Q1 Datasheet
812Kb / 26P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
logo
Analog Devices
HMC6301 AD-HMC6301 Datasheet
725Kb / 24P
   Programmable baseband gain and filter bandwidth
logo
List of Unclassifed Man...
XE2003 ETC-XE2003 Datasheet
88Kb / 6P
   CAPACITIVE SENSOR INTERFACE CIRCUIT WITH GAIN AND OFFSET ADJUSTMENT
logo
STMicroelectronics
STPMS2 STMICROELECTRONICS-STPMS2 Datasheet
1Mb / 36P
   Programmable chopper-stabilized low noise and low offset amplifier
March 2016 Rev 5
logo
Analog Devices
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com