Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA300ARHHT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PGA300ARHHT
Description  Transmitter for Pressure Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA300ARHHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button PGA300ARHHT Datasheet HTML 4Page - Texas Instruments PGA300ARHHT Datasheet HTML 5Page - Texas Instruments PGA300ARHHT Datasheet HTML 6Page - Texas Instruments PGA300ARHHT Datasheet HTML 7Page - Texas Instruments PGA300ARHHT Datasheet HTML 8Page - Texas Instruments PGA300ARHHT Datasheet HTML 9Page - Texas Instruments PGA300ARHHT Datasheet HTML 10Page - Texas Instruments PGA300ARHHT Datasheet HTML 11Page - Texas Instruments PGA300ARHHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
PGA300
SLDS204A – OCTOBER 2014 – REVISED JUNE 2016
www.ti.com
Product Folder Links: PGA300
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics – P Gain (Chopper Stabilized) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Total input-referred noise including gain noise, ADC reference noise, ADC thermal noise, and ADC quantization noise
(2)
Common Mode at P Gain Input and Output: There are two constraints:
(a) The single-ended voltage of the positive and negative pins at the P gain input must be between 0.3 V and 1.8 V
(b) The single-ended voltage of the positive and negative pins at the P gain output must be between 0.1 V and 2 V
Gain bandwidth product
10
MHz
Input-referred noise density(1)
f = 0.1 Hz to 2 kHz, gain = 400 V/V,
sampling rate = 128 µs, across
temperature
15
nV/
√Hz
Input offset voltage
10
µV
Input bias current
5
nA
Frequency response
Gain = 400 V/V, <1 kHz
±0.1
%V/V
Common-mode voltage range
Depends
on
selected
gain,
bridge
supply and
sensor
span (2)
V
Common-mode rejection ratio
fCM = 50 Hz at gain = 5 V/V
110
dB
Input impedance
10
M
Ω
6.12 Electrical Characteristics – P Analog-to-Digital Converter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sigma-delta modulator frequency
1
MHz
ADC voltage input range
–2.5
2.5
V
Number of bits
16
bits
ADC 2s complement code for –2.5-
V differential input
8000hex
ADC 2s complement code for 0-V
differential input
0000hex
ADC 2s complement code for 2.5-V
differential input
7FFFhex
INL
Integral nonlinearity
±0.5
LSB
(1)
Total input-referred noise including gain noise, ADC reference noise, ADC thermal noise, and ADC quantization noise
6.13 Electrical Characteristics – T Gain (Chopper Stabilized)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain steps (2 bits)
Gain control bits = 0b00 at dc
1.33
V/V
Gain control bits = 0b01
2
Gain control bits = 0b10
5
Gain control bits = 0b11
20
Gain bandwidth product
350
kHz
Noise density(1)
f = 0.1 Hz to 100 Hz
at gain = 5 V/V, across temperature
110
nV/
√Hz
Input offset voltage
95
µV
Input bias current
5
nA
Frequency response
Gain = 20 V/V, <100 Hz
0.335
%V/V


Similar Part No. - PGA300ARHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA301QRHHRQ1 TI1-PGA301QRHHRQ1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA302 TI1-PGA302 Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
PGA302EPWR TI1-PGA302EPWR Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
PGA302EPWT TI1-PGA302EPWT Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
More results

Similar Description - PGA300ARHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA305 TI1-PGA305 Datasheet
1Mb / 80P
[Old version datasheet]   Signal Conditioner and Transmitter for Pressure Sensors
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
   Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
   Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
   Pressure transmitter
8025976 FESTO-8025976 Datasheet
76Kb / 2P
   Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
   Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
   Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
   Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
   Pressure transmitter
571471 FESTO-571471 Datasheet
92Kb / 2P
   Pressure transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com