Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA300ARHHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PGA300ARHHT
Description  Transmitter for Pressure Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA300ARHHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button PGA300ARHHT Datasheet HTML 3Page - Texas Instruments PGA300ARHHT Datasheet HTML 4Page - Texas Instruments PGA300ARHHT Datasheet HTML 5Page - Texas Instruments PGA300ARHHT Datasheet HTML 6Page - Texas Instruments PGA300ARHHT Datasheet HTML 7Page - Texas Instruments PGA300ARHHT Datasheet HTML 8Page - Texas Instruments PGA300ARHHT Datasheet HTML 9Page - Texas Instruments PGA300ARHHT Datasheet HTML 10Page - Texas Instruments PGA300ARHHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
7
PGA300
www.ti.com
SLDS204A – OCTOBER 2014 – REVISED JUNE 2016
Product Folder Links: PGA300
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.9 Electrical Characteristics – Temperature Sensor Supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ITEMP SUPPLY FOR TEMPERATURE SENSOR
ITEMP
Current supply to temperature sensor
Control bit = 0b000
25
µA
Control bit = 0b001
50
Control bit = 0b010
100
Control bit = 0b011
500
Control bit = 0b1xx
OFF
CTEMP
Capacitive load
100
nF
Output impedance
15
M
Ω
6.10 Electrical Characteristics – Internal Temperature Sensor
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature range
–40
150
°C
6.11 Electrical Characteristics – P Gain (Chopper Stabilized)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain steps (5 bits)
00000, at dc
5
V/V
00001
5.48
00010
5.97
00011
6.56
00100
7.02
00101
8
00110
9.09
00111
10
01000
10.53
01001
11.11
01010
12.5
01011
13.33
01100
14.29
01101
16
01110
17.39
01111
18.18
10000
19.05
10001
20
10010
22.22
10011
25
10100
30.77
10101
36.36
10110
40
10111
44.44
11000
50
11001
57.14
11010
66.67
11011
80
11100
100
11101
133.33
11110
200
11111
400


Similar Part No. - PGA300ARHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA301QRHHRQ1 TI1-PGA301QRHHRQ1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA302 TI1-PGA302 Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
PGA302EPWR TI1-PGA302EPWR Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
PGA302EPWT TI1-PGA302EPWT Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
More results

Similar Description - PGA300ARHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA305 TI1-PGA305 Datasheet
1Mb / 80P
[Old version datasheet]   Signal Conditioner and Transmitter for Pressure Sensors
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
   Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
   Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
   Pressure transmitter
8025976 FESTO-8025976 Datasheet
76Kb / 2P
   Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
   Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
   Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
   Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
   Pressure transmitter
571471 FESTO-571471 Datasheet
92Kb / 2P
   Pressure transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com