Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA300ARHHR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PGA300ARHHR
Description  Transmitter for Pressure Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA300ARHHR Datasheet(HTML) 6 Page - Texas Instruments

Back Button PGA300ARHHR Datasheet HTML 2Page - Texas Instruments PGA300ARHHR Datasheet HTML 3Page - Texas Instruments PGA300ARHHR Datasheet HTML 4Page - Texas Instruments PGA300ARHHR Datasheet HTML 5Page - Texas Instruments PGA300ARHHR Datasheet HTML 6Page - Texas Instruments PGA300ARHHR Datasheet HTML 7Page - Texas Instruments PGA300ARHHR Datasheet HTML 8Page - Texas Instruments PGA300ARHHR Datasheet HTML 9Page - Texas Instruments PGA300ARHHR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
PGA300
SLDS204A – OCTOBER 2014 – REVISED JUNE 2016
www.ti.com
Product Folder Links: PGA300
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
PGA300
UNIT
RHH (VQFN)
36 PINS
RθJA
Junction-to-ambient thermal resistance
30.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
16.4
°C/W
RθJB
Junction-to-board thermal resistance
5.4
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
5.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.7
°C/W
6.5 Electrical Characteristics – Reverse Voltage Protection
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reverse voltage
–28
V
Voltage drop across reverse voltage
protection element
20
mV
6.6 Electrical Characteristics – Regulators
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VAVDD
AVDD voltage
CAVDD = 100 nF
3
V
VDVDD
DVDD voltage – operating
CDVDD = 100 nF
1.8
V
(1)
TEMP_DRIFT = [(Value at TEMP – Value at 25³C) / (Value at 25³C ×
ΔTEMP)] × 106
6.7 Electrical Characteristics – Internal Reference
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-voltage reference voltage(1)
1.2
V
Accurate reference voltage
2.5
V
Capacitor value on REFCAP pin
100
nF
6.8 Electrical Characteristics – Bridge Sensor Supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BRG SUPPLY FOR RESISTIVE BRIDGE SENSORS
VBRG+
VBRG–
Bridge supply voltage
Bridge supply control bit = 0b00, no
load
2.5
V
Bridge supply control bit = 0b01, no
load
2
V
Bridge supply control bit = 0b10, no
load
1.25
V
IBRG
Current supply to the bridge
1.5
mA
CBRG
Capacitive load
RBRG = 20 kΩ
2
nF


Similar Part No. - PGA300ARHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA301QRHHRQ1 TI1-PGA301QRHHRQ1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA302 TI1-PGA302 Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
PGA302EPWR TI1-PGA302EPWR Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
PGA302EPWT TI1-PGA302EPWT Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
More results

Similar Description - PGA300ARHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA305 TI1-PGA305 Datasheet
1Mb / 80P
[Old version datasheet]   Signal Conditioner and Transmitter for Pressure Sensors
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
   Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
   Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
   Pressure transmitter
8025976 FESTO-8025976 Datasheet
76Kb / 2P
   Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
   Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
   Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
   Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
   Pressure transmitter
571471 FESTO-571471 Datasheet
92Kb / 2P
   Pressure transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com