Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA206 Datasheet(PDF) 7 Page - Texas Instruments

Part # PGA206
Description  INSTRUMENTATION AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA206 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PGA206_16 Datasheet HTML 3Page - Texas Instruments PGA206_16 Datasheet HTML 4Page - Texas Instruments PGA206_16 Datasheet HTML 5Page - Texas Instruments PGA206_16 Datasheet HTML 6Page - Texas Instruments PGA206_16 Datasheet HTML 7Page - Texas Instruments PGA206_16 Datasheet HTML 8Page - Texas Instruments PGA206_16 Datasheet HTML 9Page - Texas Instruments PGA206_16 Datasheet HTML 10Page - Texas Instruments PGA206_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
®
PGA206/207
FIGURE 1. Basic Connections.
APPLICATIONS INFORMATION
Figure 1 shows the circuit diagram for basic operation of the
PGA206 or PGA207. Applications with noisy or high im-
pedance power supplies may require decoupling capacitors
close to the device pins as shown.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resis-
tance of 2
Ω in series with the Ref pin will cause a typical
device to degrade to approximately 80dB CMR (G = 1).
The output sense connection (pin 12) must be connected to
the output terminal (pin 11) for proper operation. This
connection can be made at the load for best accuracy.
DIGITAL INPUTS
The digital inputs A0 and A1 select the gain according to the
logic table in Figure 1. Logic “1” is defined as a voltage
greater than 2V above digital ground potential (pin 14).
Digital ground can be connected to any potential ranging
from the V– power supply to 4V less than V+. Digital
ground is usually equal to analog ground potential and the
two grounds are connected at the power supply. The digital
inputs interface directly to CMOS and TTL logic.
A nearly constant current of approximately 1.2mA flows in
the digital ground pin. It is good practice to return digital
ground through a separate connection path so that analog
ground is not affected by the digital ground current.
A
1
A
2
A
3
12
11
10
10k
10k
10k
10k
7
5
14
16
4
V
IN
V
IN
PGA206
PGA207
V
O = G (VIN – VIN)
V
O
+
Over-Voltage
Protection
Over-Voltage
Protection
Sense
Digitally Selected
Feedback Network
113
V
O1
15
6
9
8
V
O2
V
OS
Adj
+15V
1µF
–15V
1µF
+–
PGA206
V
IN
V
IN
+
V
O
A
1 A0
Sometimes shown in simplified form:
A
1 A0
PGA207
PGA206
GAIN
0
0
1
1
0
1
0
1
1
2
5
10
1
2
4
8
Ref
Digital
Ground
The digital inputs, A
0 and A1, are not latched. A change in
logic input immediately selects a new gain. Switching time
of the logic is approximately 500ns. The time to respond to
gain change is equal to switching time, plus the time it takes
the amplifier to settle to a new output voltage in the newly
selected gain (see settling time specifications).
Many applications use an external logic latch to acquire gain
control data from a high speed digital bus. Using an external
latch isolates the high speed digital bus from sensitive
analog circuitry. Locate the digital latch as far as practical
from analog circuitry to avoid coupling digital noise into
analog input circuitry.
OFFSET VOLTAGE ADJUSTMENT
The PGA206 and PGA207 are laser trimmed for very low
offset voltage and drift. Many applications require no exter-
nal offset adjustment. Multiplexed data acquisition systems
generally correct offset by grounding the inputs of one
channel to measure offset voltage. Stored offset values for
each gain are then subtracted from subsequent readings of
other channels.
Figure 2 shows optional offset voltage trim circuits. Offset
voltage changes with the selected gain. To adjust for low
offset voltage in all gains, both input and output offsets must
be trimmed.


Similar Part No. - PGA206_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA206P BURR-BROWN-PGA206P Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
PGA206PA BURR-BROWN-PGA206PA Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
PGA206U BURR-BROWN-PGA206U Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
PGA206UA BURR-BROWN-PGA206UA Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA206_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com