Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62135RGXT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62135RGXT
Description  High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62135RGXT Datasheet(HTML) 4 Page - Texas Instruments

  TPS62135RGXT Datasheet HTML 1Page - Texas Instruments TPS62135RGXT Datasheet HTML 2Page - Texas Instruments TPS62135RGXT Datasheet HTML 3Page - Texas Instruments TPS62135RGXT Datasheet HTML 4Page - Texas Instruments TPS62135RGXT Datasheet HTML 5Page - Texas Instruments TPS62135RGXT Datasheet HTML 6Page - Texas Instruments TPS62135RGXT Datasheet HTML 7Page - Texas Instruments TPS62135RGXT Datasheet HTML 8Page - Texas Instruments TPS62135RGXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
TPS62135, TPS621351
SLVSBH3A – JUNE 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS62135 TPS621351
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground pin.
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Pin voltage range(2)
VIN
-0.3
20
V
SW, VOS
-0.3
VIN+0.3
V
SW (transient)
23
V
EN, MODE, VSEL, PG, FB, FB2, SS/TR
-0.3
VIN+0.3
V
Operating junction temperature, TJ
-40
150
°C
Storage temperature range, Tstg
-65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human Body Model - (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charge Device Model - (CDM), per JEDEC specification JESD22-C101(2)
±500
V
(1)
Due to the dc bias effect of ceramic capacitors, the effective capacitance is lower then the nominal value when a voltage is applied. This
is why the capacitance is specified to allow the selection of the smallest capacitor required with the dc bias effect for this type of
capacitor in mind. The nominal value given matches a typical capacitor to be chosen to meet the minimum capacitance required.
(2)
This is for capacitors directly at the output of the TPS62135x. More capacitance is allowed if there is a series resistance associated to
the capacitors. See also the systems examples Powering Multiple Loads for applications where many distributed capacitors are
connected to the output.
(3)
Larger values may be required if the source impedance can not support the transient requirements of the load.
7.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Supply voltage range
3
17
V
VOUT
Output voltage range
0.8
12
V
L
Effective inductance
0.6
1
2.9
µH
CO
Effective output capacitance(1)
6
22
200(2)
µF
CI
Effective input capacitance(1)(3)
3
10
µF
TJ
Operating junction temperature
-40
+125
°C


Similar Part No. - TPS62135RGXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS6213013A-Q1 TI1-TPS6213013A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS6213013AQRGTRQ1 TI1-TPS6213013AQRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62135RGXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62170-Q1 TI1-TPS62170-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com