Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62135 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62135
Description  High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62135 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62135 Datasheet HTML 1Page - Texas Instruments TPS62135 Datasheet HTML 2Page - Texas Instruments TPS62135 Datasheet HTML 3Page - Texas Instruments TPS62135 Datasheet HTML 4Page - Texas Instruments TPS62135 Datasheet HTML 5Page - Texas Instruments TPS62135 Datasheet HTML 6Page - Texas Instruments TPS62135 Datasheet HTML 7Page - Texas Instruments TPS62135 Datasheet HTML 8Page - Texas Instruments TPS62135 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
TPS62135, TPS621351
www.ti.com
SLVSBH3A – JUNE 2016 – REVISED SEPTEMBER 2016
Product Folder Links: TPS62135 TPS621351
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report. Thermal data is taken according JEDEC 51-5 on a 4-layer pcb with 6 thermal vias.
7.4 Thermal Information
THERMAL METRIC(1)
TPS62135,
TPS621351
UNIT
RGX (VQFN)
11 PIN
RθJA
Junction-to-ambient thermal resistance
38.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
2.0
°C/W
RθJB
Junction-to-board thermal resistance
7.6
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
7.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2
°C/W
7.5 Electrical Characteristics
over operating junction temperature (TJ= -40 °C to +125 °C) and VIN= 3 V to 17 V. Typical values at VIN = 12 V and TA= 25
°C. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
Operating Quiescent
Current
EN = high, IOUT= 0 mA, Device not switching, TJ= 85
°C
35
µA
IQ
Operating Quiescent
Current
EN = high, IOUT= 0 mA, Device not switching
18
46
µA
ISD
Shutdown Current
EN = 0 V, Nominal value at TJ= 25 °C, Max value at
TJ= 85 °C
1
8
µA
VUVLO
Undervoltage Lockout
Threshold
Rising Input Voltage
2.8
2.9
3.0
V
Falling Input Voltage
2.5
2.6
2.7
V
TSD
Thermal Shutdown
Temperature
Rising Junction Temperature
160
°C
Thermal Shutdown
Hysteresis
20
CONTROL (EN, SS/TR, PG, MODE, VSEL)
VIH
High Level Input Voltage
for VSEL, MODE pin
0.9
V
VIL
Low Level Input Voltage
for VSEL, MODE pin
0.3
V
VIH
Input Threshold Voltage
for EN pin; rising edge
0.77
0.8
0.83
V
VIL
Input Threshold Voltage
for EN pin; falling edge
0.67
0.7
0.73
V
ILKG_EN
Input Leakage Current for
EN, VSEL, MODE
VIH = VIN or VIL= GND
100
nA
VTH_PG
Power Good Threshold
Voltage; dc level
Rising (%VOUT)
93%
96%
98%
Hysteresis
Falling (%VOUT)
3%
4.5%
VOL_PG
Power Good Output Low
Voltage
IPG = -2 mA
0.07
0.3
V
ILKG_PG
Input Leakage Current
(PG)
VPG = 5 V
100
nA
ISS/TR
SS/TR pin source current
2.5
µA
ISS/TR tolerance
TJ= -40 °C to +125 °C
±0.2
µA
Tracking gain
VFB / VSS/TR
1
Tracking offset
feedback voltage with VSS/TR = 0 V
11
mV


Similar Part No. - TPS62135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS6213013A-Q1 TI1-TPS6213013A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS6213013AQRGTRQ1 TI1-TPS6213013AQRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62170-Q1 TI1-TPS62170-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com