Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS6209733RWKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6209733RWKR
Description  TPS62097 2-A High Efficiency Step-Down Converter with iDCS-Control, Forced PWM Mode and Selective Switching Frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6209733RWKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS6209733RWKR Datasheet HTML 7Page - Texas Instruments TPS6209733RWKR Datasheet HTML 8Page - Texas Instruments TPS6209733RWKR Datasheet HTML 9Page - Texas Instruments TPS6209733RWKR Datasheet HTML 10Page - Texas Instruments TPS6209733RWKR Datasheet HTML 11Page - Texas Instruments TPS6209733RWKR Datasheet HTML 12Page - Texas Instruments TPS6209733RWKR Datasheet HTML 13Page - Texas Instruments TPS6209733RWKR Datasheet HTML 14Page - Texas Instruments TPS6209733RWKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS62097
www.ti.com
SLVSCD6 – DECEMBER 2015
8.4.5 Power Good (PG)
The TPS62097 has a power good output. The PG pin goes high impedance once the output voltage is above
95% of the nominal voltage, and is driven low once the output voltage falls below typically 90% of the nominal
voltage. The PG pin is an open drain output and is specified to sink up to 1mA. The power good output requires
a pull-up resistor connected to any voltage rail less than 6V. The PG pin goes low when the device is disabled or
in thermal shutdown. When the devices are in UVLO, the PG pin is high impedance.
The PG signal can be used for sequencing of multiple rails by connecting it to the EN pin of other converters.
Leave the PG pin floating when not used.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62097


Similar Part No. - TPS6209733RWKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6209733-Q1 TI1-TPS6209733-Q1 Datasheet
318Kb / 20P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS6209733-Q1 TI1-TPS6209733-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS6209733QWRGTRQ1 TI1-TPS6209733QWRGTRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
More results

Similar Description - TPS6209733RWKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568A TI1-TLV62568A Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
   24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
   1A Synchronous Step-down Converter with Forced CCM Mode
logo
Torex Semiconductor
XC9246B65CMR-G TOREX-XC9246B65CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
XC9246B75CMR-G TOREX-XC9246B75CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com