Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62004DGS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62004DGS
Description  TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62004DGS Datasheet(HTML) 1 Page - Texas Instruments

  TPS62004DGS Datasheet HTML 1Page - Texas Instruments TPS62004DGS Datasheet HTML 2Page - Texas Instruments TPS62004DGS Datasheet HTML 3Page - Texas Instruments TPS62004DGS Datasheet HTML 4Page - Texas Instruments TPS62004DGS Datasheet HTML 5Page - Texas Instruments TPS62004DGS Datasheet HTML 6Page - Texas Instruments TPS62004DGS Datasheet HTML 7Page - Texas Instruments TPS62004DGS Datasheet HTML 8Page - Texas Instruments TPS62004DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
VIN
1
8
6
7
3
2
9
5
10
4
10 mH
EN
ILIM
SYNC
GND
FC
PG
PGND
FB
L
TPS6200x
10 mF
VO =0.8V
toVI
PG
0.1 mF
10 mF
VI =2V
to5.5V
WithVO 1.8 V;Co =10 mF,VO <1.8V;Co =47 mF
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IO − Load Current − mA
VI = 3.6 V,
VO = 2.5 V
SYNC = Low
SYNC = High
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
SLVS294F – SEPTEMBER 2000 – REVISED AUGUST 2015
TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
1 Features
2 Applications
1
High-Efficiency Synchronous Step-Down
Low-Power CPUs and DSPs
Converter with More than 95% Efficiency
Cellular Phones
2-V to 5.5-V Operating Input Voltage Range
Organizers, PDAs, and Handheld PCs
Adjustable Output Voltage Range From 0.8 V to
MP-3 Portable Audio Players
VIN
Digital Cameras
Fixed Output Voltage Options Available in 0.9 V,
USB-Based DSL Modems and Other Network
1 V, 1.2 V, 1.5 V, 1.8 V, 1.9 V, 2.5 V, and 3.3 V
Interface Cards
Synchronizable to External Clock Signal up to
1 MHz
3 Description
Up to 600 mA Output Current
The TPS6200x devices are a family of low-noise
synchronous step-down DC/DC converters that are
Pin-Programmable Current Limit
ideally suited for systems powered from a 1-cell Li-ion
High Efficiency Over a Wide Load Current Range
battery or from a 2- to 3-cell NiCd, NiMH, or alkaline
in Power Save Mode
battery. The TPS6200x operates typically down to an
100% Maximum Duty Cycle for Lowest Dropout
input voltage of 1.8 V, with a specified minimum input
voltage of 2 V.
Low-Noise Operation Antiringing Switch and
PFM/PWM Operation Mode
The TPS62000 operates over a free-air temperature
Internal Softstart
range of –40°C to 85°C.The device is available in the
10-pin (DGS) microsmall outline package (VSSOP).
50-
μA Quiescent Current (TYP)
Available in the 10-Pin Microsmall Outline
Device Information(1)
Package (VSSOP)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Evaluation Module Available
TPS6200x
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Schematic
Efficiency vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62004DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62004DGS TI-TPS62004DGS Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62004DGSG4 TI-TPS62004DGSG4 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62004DGSR TI-TPS62004DGSR Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62004DGSRG4 TI-TPS62004DGSRG4 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Similar Description - TPS62004DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com