Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61280AYFFR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61280AYFFR
Description  TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61280AYFFR Datasheet(HTML) 4 Page - Texas Instruments

  TPS61280AYFFR Datasheet HTML 1Page - Texas Instruments TPS61280AYFFR Datasheet HTML 2Page - Texas Instruments TPS61280AYFFR Datasheet HTML 3Page - Texas Instruments TPS61280AYFFR Datasheet HTML 4Page - Texas Instruments TPS61280AYFFR Datasheet HTML 5Page - Texas Instruments TPS61280AYFFR Datasheet HTML 6Page - Texas Instruments TPS61280AYFFR Datasheet HTML 7Page - Texas Instruments TPS61280AYFFR Datasheet HTML 8Page - Texas Instruments TPS61280AYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
SW
PGND
SDA
PGND
SW
nBYP
AGND
PGND
TOP VIEW
D4
D3
D2
D1
C4
PGND
C3
C2
C1
nBYP
PGND
SW
SDA
AGND
BOTTOM VIEW
VSEL
SCL
VOUT
VOUT
VOUT
B1
B2
B3
B4
VOUT
VSEL
SCL
EN
GPIO
VIN
VIN
VIN
A1
A2
A3
A4
VIN
EN
GPIO
SW
PGND
TPS61280A, TPS61281A, TPS61282A
SLVSCG9A – MAY 2014 – REVISED SEPTEMBER 2014
www.ti.com
8 Pin Configurations and Functions
TPS61280A
Pin Functions - TPS61280A
PIN
I/O
DESCRIPTION
NAME
NO.
VIN
A3, A4
I
Power supply input.
VOUT
B3, B4
O
Boost converter output.
This is the enable pin of the device. On the rising edge of the enable pin, all the registers are reset with their default
values. This input must not be left floating and must be terminated.
EN = Low: The device is forced into shutdown mode and the I2C control interface is disabled. Depending on the
logic level applied to the nBYP input, the converter can either be forced in pass-through mode or it's output can be
EN
A1
I
regulated to a minimum level so as to limit the input-to-output voltage difference to less than 3.6V (typ). The current
consumption is reduced to a few µA. For more details, refer to Table 2.
EN = High: The device is operating normally featuring automatic dc/dc boost, pass-through mode transition. For
more details, refer to Table 2.
This pin can either be configured as a input (mode selection) or as dual role input/open-drain output RST/FAULT )
pin. Per default, the pin is configured as RST/FAULT input/output. The input must not be left floating and must be
terminated.
Manual Reset Input: Drive RST/FAULT low to initiate a reset of the converter's output. nRST/nFAULT controls a
falling edge-triggered sequence consisting of a discharge phase of the capacitance located at the converter's output
followed by a start-up phase.
GPIO
A2
I/O
Fault Output (open-drain interrupt signal to host): Indicates that a fault has occurred (e.g. thermal shutdown, output
voltage out of limits, current limit triggered, and so on). To signal such an event, the device generates a falling edge-
triggered interrupt by driving a negative pulse onto the GPIO line and then releases the line to its inactive state.
Mode selection input = Low: The device is operating in regulated frequency pulse width modulation mode (PWM) at
high-load currents and in pulse frequency modulation mode (PFM) at light load currents.
Mode selection input = High: Low-noise mode enabled, regulated frequency PWM operation forced.
VSEL signal is primarily used to set the output voltage dc/dc boost, pass-through threshold. This pin must not be left
VSEL
B1
I
floating and must be terminated.
A logic low level on the BYP input forces the device in pass-through mode. For more details, refer to . This pin must
nBYP
C1
I
not be left floating and must be terminated.
SCL
B2
I
Serial interface clock line. This pin must not be left floating and must be terminated.
SDA
C2
I/O
Serial interface address/data line. This pin must not be left floating and must be terminated.
SW
C3, C4
I/O
Inductor connection. Drain of the internal power MOSFET. Connect to the switched side of the inductor.
PGND
D2, D3, D4
Power ground pin.
AGND
D1
Analog ground pin. This is the signal ground reference for the IC.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS61280A TPS61281A TPS61282A


Similar Part No. - TPS61280AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61280A TI-TPS61280A_15 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
More results

Similar Description - TPS61280AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61280A TI-TPS61280A_15 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Anpec Electronics Corop...
APW7281 ANPEC-APW7281 Datasheet
296Kb / 23P
   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Texas Instruments
TPS61280 TI1-TPS61280 Datasheet
2Mb / 58P
[Old version datasheet]   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280 TI-TPS61280_15 Datasheet
2Mb / 55P
[Old version datasheet]   TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_V01 Datasheet
3Mb / 63P
[Old version datasheet]   TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
REVISED JUNE 2023
logo
Renesas Technology Corp
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com