Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61253YFFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61253YFFT
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61253YFFT Datasheet HTML 5Page - Texas Instruments TPS61253YFFT Datasheet HTML 6Page - Texas Instruments TPS61253YFFT Datasheet HTML 7Page - Texas Instruments TPS61253YFFT Datasheet HTML 8Page - Texas Instruments TPS61253YFFT Datasheet HTML 9Page - Texas Instruments TPS61253YFFT Datasheet HTML 10Page - Texas Instruments TPS61253YFFT Datasheet HTML 11Page - Texas Instruments TPS61253YFFT Datasheet HTML 12Page - Texas Instruments TPS61253YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
I
- Output Current - mA
O
V = 2.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 4.5 V
I
V
= 5 V (TPS61256)
PFM/PWM Operation
O
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
I
- Output Current - mA
O
V = 4.5 V
I
V = 3.6 V
I
V = 3.3 V
I
V = 3 V
I
V = 2.7 V
I
I = 2.5 V
V
PFM/PWM Operation
V = 4.5 V
O
9
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
www.ti.com
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
Table 1. Table of Graphs
FIGURE
η
Efficiency
vs Output current
Figure 1, Figure 2,
Figure 3, Figure 5
vs Input voltage
Figure 4
VO
DC output voltage
vs Output current
Figure 6, Figure 7,
Figure 8, Figure 9,
Figure 10,
Figure 14
vs Input voltage
Figure 11
IO
Maximum output current
vs Input voltage
Figure 12,
Figure 13
ΔVO
Peak-to-peak output ripple voltage
vs Output current
Figure 15,
Figure 16,
Figure 17
ICC
Supply current
vs Input voltage
Figure 18,
Figure 19
ILIM
DC pre-charge current
vs Differential input-output voltage
Figure 20,
Figure 21
Valley current limit
vs Temperature
Figure 22,
Figure 23
rDS(on)
MOSFET rDS(on)
vs Temperature
Figure 24
Figure 1. Efficiency vs Output Current
Figure 2. Efficiency vs Output Current


Similar Part No. - TPS61253YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253YFFT TI1-TPS61253YFFT Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61253YFFT TI1-TPS61253YFFT Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61253YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com