Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61196-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61196-Q1
Description  TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61196-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61196-Q1 Datasheet HTML 1Page - Texas Instruments TPS61196-Q1 Datasheet HTML 2Page - Texas Instruments TPS61196-Q1 Datasheet HTML 3Page - Texas Instruments TPS61196-Q1 Datasheet HTML 4Page - Texas Instruments TPS61196-Q1 Datasheet HTML 5Page - Texas Instruments TPS61196-Q1 Datasheet HTML 6Page - Texas Instruments TPS61196-Q1 Datasheet HTML 7Page - Texas Instruments TPS61196-Q1 Datasheet HTML 8Page - Texas Instruments TPS61196-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
COMP
VDD
1
2
3
4
5
6
7
8
9
10
PGND
OVP
GDRV
ISNS
EN
PWM3
ISET
IFB2
FBP
FSW
IFB3
IFB1
VIN
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PWM2
PWM1
IFBV
PWM4
PWM5
PWM6
AGND
IFB5
IFB4
IFB6
UVLO
FAULT
REF
TPS61196-Q1
www.ti.com
SNVSA79 – MARCH 2015
5 Pin Configuration and Functions
PWP Package
28-Pin HTSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
Low input voltage lock out. Use a resistor divider from VIN to this pin to set the UVLO
1
UVLO
I
threshold.
2
EN
I
Enable and disable pin. EN high = enable, EN low = disable.
PWM1 to
3,4,5,6,7,8
I
PWM signal input pins. The frequency of PWM signal is in the range of 90 Hz to 22 kHz.
PWM6
9
FBP
O
LED cross-short protection threshold program pin. Use a resistor to GND to set the threshold.
Connecting a resistor to the pin programs the IFB pin current level for full brightness (that is,
10
ISET
O
100% dimming).
11
IFBV
O
Minimum feedback voltage setting for LED strings.
IFB1 to
12,13,14,15,16,17
I
Regulated current sink input pins
IFB6
18
AGND
G
Analog ground
Overvoltage protection detection input. Connect a resistor divider from output to this pin to
19
OVP
I
program the OVP threshold.
20
COMP
O
Loop compensation for the boost converter. Connect a RC network to make loop stable.
Internal reference voltage for the boost converter. Use a capacitor at this pin to adjust the soft
21
REF
O
start time. When two chips operate in parallel, connect the master's REF pin to the slave's
COMP pin.
22
PGND
GND
External MOSFET current sense ground.
23
ISNS
I
External MOSFET current sense positive input.
24
GDRV
O
External switch MOSFET gate driver output.
Internal regulator output for device internal power supply. Connect a 1-µF ceramic capacitor to
25
VDD
O
this pin.
Switching frequency setting pin. Use a resistor to set the frequency between 100 kHz to
26
FSW
O
800 kHz. An external input voltage above 3.5 V or below 0.5 V disables the internal clock and
makes the device as slave device.
27
FAULT
O
Fault indicator. Open-drain output. Output high impedance when fault conditions happens.
28
VIN
I
Power supply input pin
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61196-Q1


Similar Part No. - TPS61196-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
More results

Similar Description - TPS61196-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
[Old version datasheet]   6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
logo
Monolithic Power System...
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Maxim Integrated Produc...
MAX17129 MAXIM-MAX17129 Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17129ETE MAXIM-MAX17129ETE Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com