Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222-EP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS61222-EP
Description  LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61222-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61222-EP_16 Datasheet HTML 3Page - Texas Instruments TPS61222-EP_16 Datasheet HTML 4Page - Texas Instruments TPS61222-EP_16 Datasheet HTML 5Page - Texas Instruments TPS61222-EP_16 Datasheet HTML 6Page - Texas Instruments TPS61222-EP_16 Datasheet HTML 7Page - Texas Instruments TPS61222-EP_16 Datasheet HTML 8Page - Texas Instruments TPS61222-EP_16 Datasheet HTML 9Page - Texas Instruments TPS61222-EP_16 Datasheet HTML 10Page - Texas Instruments TPS61222-EP_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
0
20
40
60
80
100
0.7
1.7
2.7
3.7
4.7
V -InputVoltage-V
I
I
=50mA
O
I
=100
A
O
m
I
=10mA
O
I
=1mA
O
V
=5V
O
0
10
20
30
40
50
60
70
80
0.7
1.7
2.7
3.7
4.7
V - Input Voltage - V
I
V
= 5 V
O
Device Enabled
0
50
100
150
200
250
300
0.7
1.2
1.7
2.2
2.7
3.2
3.7
4.2
4.7
V - Input Voltage - V
I
V
= 5 V
O
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
I
-OutputCurrent-mA
O
V =0.7V
I
V =1.2V
I
V =4.2V
I
V
=5V
O
V =2.4V
I
V =3.6V
I
TPS61222-EP
www.ti.com
SLVSBI2 – SEPTEMBER 2012
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Maximum Output Current
vs Input Voltage
Figure 2
vs Output Current, VIN = [0.7 V; 1.2 V; 2.4V; 3.6 V; 4.2 V]
Figure 3
Efficiency
vs Input Voltage, IOUT = [100 uA; 1 mA; 10 mA; 50 mA]
Figure 4
Input Current
at No Output Load, Device Enabled
Figure 5
Output Voltage
vs Output Current, VIN = [0.7 V; 1.2 V; 2.4 V; 3.6 V]
Figure 6
Load Transient Response, VIN = 2.4 V, IOUT = 14 mA to 126 mA
Figure 7
Waveforms
Line Transient Response, VIN = 2.8 V to 3.6 V, RLOAD = 100 Ω
Figure 8
MAXIMUM OUTPUT CURRENT
EFFICIENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT AND INPUT VOLTAGE
Figure 2.
Figure 3.
EFFICIENCY
NO LOAD INPUT CURRENT
vs
vs
INPUT VOLTAGE AND OUTPUT CURRENT
INPUT VOLTAGE, DEVICE ENABLED
Figure 4.
Figure 5.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :TPS61222-EP


Similar Part No. - TPS61222-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
More results

Similar Description - TPS61222-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI-TPS61299_V02 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com