Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61196-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61196-Q1
Description  TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61196-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61196-Q1_16 Datasheet HTML 1Page - Texas Instruments TPS61196-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS61196-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS61196-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS61196-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS61196-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS61196-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS61196-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS61196-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
L1
68mH
D1
IFB1
ISNS
VIN
VDD
ISET
AGND
TPS61196
GDRV
FSW
C1
10mF
PWM2
VIN = 24V
OVP
R3
EN
R19
R6
C6
C5
PGND
COMP
FBP
R7
UVLO
PWM5
FAULT
R12
C3
1.0 F
m
R9
R11
REF
R1
R2
100mF
C7
IFBV
R10
C2
2.2mF
C9
200k
2.2mF
37.4k
196k
60.4k
0.1mF
Thermal pad
PWM6
PWM3
PWM4
PWM1
IFB2
IFB6
150k
47nF
C8
R4
Q1
160pF
C4
10nF
R8
3
0.1
470pF
200
255k
10k
EC2
EC1
100mF
182k
24.9k
IFB3
IFB4
IFB5
R13
10M
R14
10M
R15
10M
R16
10M
R17
10M
R18
10M
R5
200k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61196-Q1
SNVSA79 – MARCH 2015
TPS61196-Q1 6-String 400-mA WLED Driver with
Independent PWM Dimming For Each String
The TPS61196-Q1 adjusts the boost controller's
1 Features
output voltage automatically to provide only the
1
8-V to 30-V Input Voltage
voltage required by the LED string with the largest
Up to 120-V Output Voltage
forward voltage drop plus the minimum required
voltage at that string's IFB pin, thereby optimizing
100-KHz to 800-kHz Programmable Switching
driver
efficiency.
Its
switching
frequency
is
Frequency
programmed by an external resistor from 100 kHz to
Adaptive Boost Output for LED Voltages
800 kHz.
Six Current Sinks, 200-mA Continuous Output,
The TPS61196-Q1 supports direct PWM brightness
400-mA Pulse Output for Each String
dimming. Each string has an independent PWM
±1.5% Current Matching Between Strings
control input. During the PWM dimming, the LED
High Precision PWM Dimming Resolution up to
current is turned on or turned off at the frequency and
duty cycle which are determined by the external
5000:1
PWM signal. The PWM frequency ranges from 90 Hz
Programmable OVP Threshold
to 22 kHz.
Programmable Input UVLO Threshold
The TPS61196-Q1 integrates overcurrent protection,
Adjustable Soft-Start Time
output short-circuit protection, ISET short-to-ground
Built-in LED Open and Short Protection
protection, diode open and short protection, LED
Built-in Schottky Diode Open and Short Protection
open and short protection, and overtemperature
shutdown circuit. In addition, the TPS61196-Q1 can
Built-in ISET Short Protection
detect the IFB pin short to ground to protect the LED
Built-in IFB Short Protection
string. The device also provides programmable input
Thermal Shutdown
undervoltage
lockout
threshold
and
output
overvoltage protection threshold.
2 Applications
Device Information(1)
Automotive LCD Backlighting
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Automotive Cluster Displays
TPS61196-Q1
HTSSOP (28)
9.70 mm x 4.40 mm
Automotive Secondary Displays
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
3 Description
The TPS61196-Q1 provides a highly integrated
Simplified Schematic
solution for automotive LCD backlighting with an
independent PWM dimming function for each string.
This device is a current mode boost controller driving
up to six WLED strings with multiple LEDs in series.
Each string has an independent current regulator
providing a LED current adjustable from 50 mA to
400 mA within ±1.5% matching accuracy. The
minimal voltage at the current sink is programmable
in the range of 0.3 V to 1 V to fit with different LED
current settings. The input voltage range for the
device is from 8 V to 30 V.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS61196-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
More results

Similar Description - TPS61196-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
[Old version datasheet]   6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
logo
Monolithic Power System...
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Maxim Integrated Produc...
MAX17129 MAXIM-MAX17129 Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17129ETE MAXIM-MAX17129ETE Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com