Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM36405EA-S Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM36405EA-S
Description  Single P-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM36405EA-S Datasheet(HTML) 2 Page - ELM Electronics

  ELM36405EA-S Datasheet HTML 1Page - ELM Electronics ELM36405EA-S Datasheet HTML 2Page - ELM Electronics ELM36405EA-S Datasheet HTML 3Page - ELM Electronics ELM36405EA-S Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ELM36405EA-S
4 -
■Electrical characteristics
Parameter
Symbol
Condition
Min. Typ. Max. Unit Note
STATIC PARAMETERS
Drain-source breakdown voltage
BVdss Vgs=0V, Id=-250μA
-20
V
Zero gate voltage drain current
Idss
Vds=-16V, Vgs=0V
-1
μA
Vds=-16V, Vgs=0V, Ta=125°C
-10
Gate-body leakage current
Igss Vds=0V, Vgs=±12V
±100 nA
Gate threshold voltage
Vgs(th) Vds=Vgs, Id=-250μA
-0.45 -0.80 -1.20 V
On state drain current
Id(on) Vgs=-10V, Vds=-5V
-20
A
1
Static drain-source on-resistance
Rds(on)
Vgs=-4.5V, Id=-5A
37
44
1
Vgs=-2.5V, Id=-4A
55
70
Vgs=-1.8V, Id=-2A
75
100 mΩ
Forward transconductance
Gfs Vds=-5V, Id=-5A
14
S
1
Diode forward voltage
Vsd Is=-1A, Vgs=0V
-1
V
1
Max. body-diode continuous current
Is
-3
A
Pulsed body-diode current
Ism
-6
A
3
DYNAMIC PARAMETERS
Input capacitance
Ciss
Vgs=0V, Vds=-10V, f=1MHz
1100
pF
Output capacitance
Coss
170
pF
Reverse transfer capacitance
Crss
140
pF
SWITCHING PARAMETERS
Total gate charge
Qg
Vgs=-4.5V, Vds=-10V
Id=-5A
12.5
nC
2
Gate-source charge
Qgs
2.1
nC
2
Gate-drain charge
Qgd
3.5
nC
2
Turn-on delay time
td(on)
Vgs=-4.5V, Vds=-10V
Id=-1A, Rgen=3Ω
7
ns
2
Turn-on rise time
tr
10
ns
2
Turn-off delay time
td(off)
30
ns
2
Turn-off fall time
tf
22
ns
2
Body diode reverse recovery charge
Qrr
20
nC
Single P-channel MOSFET
NOTE :
1. Pulsed width≤300μsec and Duty cycle≤2%.
2. Independent of operating temperature.
3. Pulsed width limited by maximum junction temperature.
4. Duty cycle ≤ 1%.
Ta=25°C. Unless otherwise noted.


Similar Part No. - ELM36405EA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM36405EA-S ELM-TECH-ELM36405EA-S Datasheet
108Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM36405EA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM36403EA-S ELM-ELM36403EA-S Datasheet
976Kb / 4P
   Single P-channel MOSFET
ELM23401CA-S ELM-ELM23401CA-S Datasheet
1Mb / 3P
   Single P-channel MOSFET
ELM340703A-N ELM-ELM340703A-N Datasheet
811Kb / 4P
   Single P-channel MOSFET
ELM53401CA-S ELM-ELM53401CA-S Datasheet
1Mb / 5P
   Single P-channel MOSFET
ELM342004A-N ELM-ELM342004A-N Datasheet
820Kb / 4P
   Single P-channel MOSFET
ELM549407A-N ELM-ELM549407A-N Datasheet
1Mb / 5P
   Single P-channel MOSFET
logo
ELM Technology Corporat...
ELM13401CA-S ELM-TECH-ELM13401CA-S Datasheet
383Kb / 4P
   Single P-channel MOSFET
ELM13405CA-S ELM-TECH-ELM13405CA-S Datasheet
391Kb / 4P
   Single P-channel MOSFET
ELM13409CA-S ELM-TECH-ELM13409CA-S Datasheet
395Kb / 4P
   Single P-channel MOSFET
ELM34401AA-N ELM-TECH-ELM34401AA-N Datasheet
433Kb / 4P
   Single P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com