Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM34608AA-N Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM34608AA-N
Description  Complementary MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM34608AA-N Datasheet(HTML) 5 Page - ELM Electronics

  ELM34608AA-N Datasheet HTML 1Page - ELM Electronics ELM34608AA-N Datasheet HTML 2Page - ELM Electronics ELM34608AA-N Datasheet HTML 3Page - ELM Electronics ELM34608AA-N Datasheet HTML 4Page - ELM Electronics ELM34608AA-N Datasheet HTML 5Page - ELM Electronics ELM34608AA-N Datasheet HTML 6Page - ELM Electronics ELM34608AA-N Datasheet HTML 7Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ELM34608AA-N
7 -
■Electrical Characteristics (P-ch)
Parameter
Symbol
Conditions
Min. Typ. Max. Unit Note
STATIC PARAMETERS
Drain-source breakdown voltage
BVdss Id=-250μA, Vgs=0V
-60
V
Zero gate voltage drain current
Idss
Vds=-48V, Vgs=0V
-1
μA
Vds=-40V, Vgs=0V, Ta=55°C
-10
Gate-body leakage current
Igss Vds=0V, Vgs=±20V
±100 nA
Gate threshold voltage
Vgs(th) Vds=Vgs, Id=-250μA
-1.0
-1.5
-2.5
V
On state drain current
Id(on) Vgs=-10V, Vds=-5V
-20
A
1
Static drain-source on-resistance
Rds(on)
Vgs=-10V, Id=-3.5A
70
90
1
Vgs=-4.5V, Id=-3A
100
135
Forward transconductance
Gfs Vds=-5V, Id=-3.5A
9
S
1
Diode forward voltage
Vsd If=Is=-1.3A, Vgs=0V
-1
V
1
Max.body-diode continuous current
Is
-1.3
A
Pulsed current
Ism
-2.6
A
3
DYNAMIC PARAMETERS
Input capacitance
Ciss
Vgs=0V, Vds=-30V, f=1MHz
630
pF
Output capacitance
Coss
81
pF
Reverse transfer capacitance
Crss
33
pF
SWITCHING PARAMETERS
Total gate charge
Qg
Vgs=-10V, Vds=-30V
Id=-3.5A
11.0 15.0 nC
2
Gate-source charge
Qgs
2.1
nC
2
Gate-drain charge
Qgd
2.5
nC
2
Turn-on delay time
td(on)
Vgs=-10V, Vds=-30V
Id=-1A, Rgen=6Ω
6
13
ns
2
Turn-on rise time
tr
8
18
ns
2
Turn-off delay time
td(off)
17
31
ns
2
Turn-off fall time
tf
11
20
ns
2
Complementary MOSFET
NOTE :
1. Pulse test : Pulsed width≤300μsec and Duty cycle≤2%.
2. Independent of operating temperature.
3. Pulsed width limited by maximum junction temperature.
Ta=25°C. Unless otherwise noted.


Similar Part No. - ELM34608AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34608AA-N ELM-TECH-ELM34608AA-N Datasheet
650Kb / 7P
   Complementary MOSFET
More results

Similar Description - ELM34608AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34608AA-S ELM-TECH-ELM34608AA-S Datasheet
240Kb / 7P
   Complementary MOSFET
ELM35602KA-S ELM-TECH-ELM35602KA-S Datasheet
235Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
ELM24604HA-S ELM-TECH-ELM24604HA-S Datasheet
169Kb / 9P
   Complementary MOSFET
ELM34605AA-S ELM-TECH-ELM34605AA-S Datasheet
474Kb / 7P
   Complementary MOSFET
ELM35600KA-S ELM-TECH-ELM35600KA-S Datasheet
484Kb / 7P
   Complementary MOSFET
ELM34601AA-N ELM-TECH-ELM34601AA-N Datasheet
943Kb / 7P
   Complementary MOSFET
ELM34603AA-N ELM-TECH-ELM34603AA-N Datasheet
993Kb / 7P
   Complementary MOSFET
ELM34605AA-N ELM-TECH-ELM34605AA-N Datasheet
1,011Kb / 7P
   Complementary MOSFET
ELM36601EA-S ELM-TECH-ELM36601EA-S Datasheet
496Kb / 7P
   Complementary MOSFET
logo
ELM Electronics
ELM34601AA-N ELM-ELM34601AA-N Datasheet
1Mb / 7P
   Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com