Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS63051YFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63051YFFR
Description  Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63051YFFR Datasheet(HTML) 5 Page - Texas Instruments

  TPS63051YFFR Datasheet HTML 1Page - Texas Instruments TPS63051YFFR Datasheet HTML 2Page - Texas Instruments TPS63051YFFR Datasheet HTML 3Page - Texas Instruments TPS63051YFFR Datasheet HTML 4Page - Texas Instruments TPS63051YFFR Datasheet HTML 5Page - Texas Instruments TPS63051YFFR Datasheet HTML 6Page - Texas Instruments TPS63051YFFR Datasheet HTML 7Page - Texas Instruments TPS63051YFFR Datasheet HTML 8Page - Texas Instruments TPS63051YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TPS63050, TPS63051
www.ti.com
SLVSAM8C – JULY 2013 – REVISED JULY 2015
7.5 Electrical Characteristics
VIN = 3.6 V, TJ = –40°C to 125°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.5
5.5
V
VIN_Min
Minimum input voltage to turn on in full load
IOUT = 500 mA
2.7
V
IOUT
Output current(1)
ILIM0 = VIH, ILIM1 = VIH,
500
mA
IOUT = 0 mA, EN = VIN = 3.6 V, VOUT
VIN
43
60
= 3.3 V
IQ
Quiescent current
μA
IOUT = 0 mA, EN = VIN = 3.6 V, VOUT
VOUT
10
= 3.3 V
Isd
Shutdown current
EN = 0 V
0.1
1
μA
UVLOTH
Undervoltage lockout threshold
VIN falling
1.6
1.7
1.8
V
UVLOhys
Undervoltage lockout hysteresis
200
mV
TSD
Thermal shutdown
Temperature rising
140
°C
TSD(hys)
Thermal shutdown hysteresis
20
°C
LOGIC SIGNALS EN, ILIM0, ILIM1
VIH
High level input voltage
VIN = 2.5 V to 5.5 V
1.2
V
VIL
Low level voltage Input Voltage
VIN = 2.5 V to 5.5 V
0.3
V
PFM / PWM, EN, ILIM0, ILIM1 = GND or
Ilkg
Input leakage current
0.01
0.1
μA
VIN
POWER GOOD
VOL
Low level voltage
Isink = 100 μA
0.3
V
IPG
PG sinking current
V = 0.3 V
0.1
mA
Ilkg
Input leakage current
VPG = 3.6 V
0.01
0.1
μA
OUTPUT
VOUT
Output voltage range
2.5
5.5
V
VFB
TPS63050 feedback regulation voltage
0.8
V
VFB
TPS63050 feedback voltage accuracy
PWM mode
–1.1%
1.1%
VFB
TPS63050 feedback voltage accuracy(2)
PFM mode
–1%
3%
VOUT
TPS63051 output voltage accuracy
PWM mode
3.27
3.3
3.34
V
VOUT
TPS63051 output voltage accuracy(2)
PFM mode
3.27
3.3
3.39
V
IPWM->PFM
Minimum output current to enter PFM mode
VIN = 3 V; VOUT = 3.3 V
150
mA
IFB
TPS63050 feedback input bias current
VFB = 0.8 V
10
100
nA
Input high-side FET on-resistance
ISW = 500 mA
145
m
Output high-side FET on-resistance
ISW = 500 mA
95
m
RDS(on)
Input low-side FET on-resistance
ISW = 500 mA
170
m
Output low-side FET on-resistance
ISW = 500 mA
115
m
ILIM0 = VIH, ILIM1 = VIH,VIN = 2.7 V to 3
480
1240
mA
V, VOUT = 3 V
ILIM0 = VIH, ILIM1 = VIH,VIN = 2.7 V to
IIN_MAX
Input current-limit boost mode
550
1400
mA
3.3 V, VOUT = 3.3 V,
ILIM0 = VIH, ILIM1 = VIH,VIN = 2.7 V to
630
1950
mA
4.5 V, VOUT = 4.5 V,
(1)
For minimum and maximum output current in a specific working point see Figure 1 and Figure 2; and Equation 1 through Equation 4.
(2)
Conditions: f = 2.5 MHz, L = 1.5 µH, COUT = 10 µF
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS63050 TPS63051


Similar Part No. - TPS63051YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63051YFFR TI1-TPS63051YFFR Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
More results

Similar Description - TPS63051YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63051 TI1-TPS63051_14 Datasheet
2Mb / 28P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com