Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15116S Datasheet(PDF) 8 Page - Winbond

Part # 15116S
Description  SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

15116S Datasheet(HTML) 8 Page - Winbond

Back Button 15116S Datasheet HTML 4Page - Winbond 15116S Datasheet HTML 5Page - Winbond 15116S Datasheet HTML 6Page - Winbond 15116S Datasheet HTML 7Page - Winbond 15116S Datasheet HTML 8Page - Winbond 15116S Datasheet HTML 9Page - Winbond 15116S Datasheet HTML 10Page - Winbond 15116S Datasheet HTML 11Page - Winbond 15116S Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
ISD5100 – SERIES
- 8 -
6. PIN DESCRIPTION
Pin Name
SOIC/PDIP
TSOP
Functionality
SCL
1
8
I2C Serial Clock Line: to clock the data into and out of the I2C interface.
A1
2
9
Input pin that supplies the LSB +1 bit for the I2C Slave Address.
SDA
3
10
I2C Serial Data Line: Data is passed between devices on the bus over
this line.
A0
4
11
Input pin that supplies the LSB for the I2C Slave Address.
VSSD
5,6
12,13
Digital Ground.
NC
7,21,22
1,14,28
No Connect.
MIC+
8
16
Differential Positive Input for the microphone amplifier.
VSSA
9,15,23
2,15,22
Analog Ground.
MIC-
10
17
Differential Negative Input for the microphone amplifier.
ANA OUT+
11
18
Differential Positive Analog Output for ANA OUT.
ANA OUT-
12
19
Differential Negative Analog Output for ANA OUT.
ACAP
13
20
AGC/AutoMute Capacitor: Required for the on-chip AGC amplifier during
record and AutoMute function during playback.
SP-
14
21
Differential Negative Speaker Output: When the speaker outputs are in
use, the AUX OUT output is disabled.
SP+
16
23
Differential Positive Speaker Output.
VCCA
17
24
Analog Supply Voltage: This pin supplies power to the analog sections
of the device. It should be carefully bypassed to Analog Ground to
insure correct device operation.
ANA IN
18
25
Analog Input: one of the analog inputs with selectable gain.
AUX IN
19
26
Auxiliary Input: one of the analog inputs with selectable gain.
AUX OUT
20
27
Auxiliary Output: one the analog outputs of the device. When this
output is used, the SP+ and SP- outputs are disabled.
RAC
24
3
Row Address Clock; an open drain output. The RAC pin goes LOW
TRACL
[1] before the end of each row of memory and returns HIGH at
exactly the end of each row of memory.
INT
25
4
Interrupt Output; an open drain output that indicates that a set EOM bit
has been found during Playback or that the chip is in an Overflow (OVF)
condition.
This pin remains LOW until a Read Status command is
executed.
XCLK
26
5
This pin allows the internal clock of the device to be driven externally for
enhanced timing precision. This pin is grounded for most applications.
VCCD
27,28
6,7
Digital Supply Voltage. These pins supply power to the digital sections
of the device. They must be carefully bypassed to Digital Ground to
insure correct device operation.
[1] See the Parameters section


Similar Part No. - 15116S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15116 ETC2-15116 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Festo Corporation.
151160 FESTO-151160 Datasheet
91Kb / 2P
   One-way flow control valve
151161 FESTO-151161 Datasheet
89Kb / 2P
   One-way flow control valve
151162 FESTO-151162 Datasheet
89Kb / 2P
   One-way flow control valve
151163 FESTO-151163 Datasheet
87Kb / 2P
   One-way flow control valve
More results

Similar Description - 15116S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com