Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61162AYFFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61162AYFFR
Description  TPS6116xA Dual-Channel WLED Drivers For Smart Phones
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61162AYFFR Datasheet(HTML) 4 Page - Texas Instruments

  TPS61162AYFFR Datasheet HTML 1Page - Texas Instruments TPS61162AYFFR Datasheet HTML 2Page - Texas Instruments TPS61162AYFFR Datasheet HTML 3Page - Texas Instruments TPS61162AYFFR Datasheet HTML 4Page - Texas Instruments TPS61162AYFFR Datasheet HTML 5Page - Texas Instruments TPS61162AYFFR Datasheet HTML 6Page - Texas Instruments TPS61162AYFFR Datasheet HTML 7Page - Texas Instruments TPS61162AYFFR Datasheet HTML 8Page - Texas Instruments TPS61162AYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS61162A, TPS61163A
SLVSC26A – NOVEMBER 2013 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, EN, PWM, IFB1, IFB2
–0.3
7
Voltage(2)
COMP, ISET
–0.3
3
V
SW
–0.3
40
PD
Continuous power dissipation
See Thermal Information
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
V
Machine model (MM)
200 (max)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.7
6.5
V
TPS61162A
VOUT
Output voltage
TPS61163A
L
Inductor
4.7
10
µH
CI
Input capacitor
1
µF
CO
Output capacitor
1
2.2
µF
CCOMP
Compensation capacitor
330
nF
FPWM
PWM dimming signal frequency
10
100
kHz
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
TPS61162A/63A
THERMAL METRIC(1)
YFF (DSBGA)
UNIT
9 PINS
RθJA
Junction-to-ambient thermal resistance
107
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.9
°C/W
RθJB
Junction-to-board thermal resistance
18.1
°C/W
ψJT
Junction-to-top characterization parameter
4.0
°C/W
ψJB
Junction-to-board characterization parameter
18
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
NA
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS61162A TPS61163A


Similar Part No. - TPS61162AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61162AYFF TI1-TPS61162AYFF Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
More results

Similar Description - TPS61162AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61162D Dual-Channel WLED Drivers for Smart Phones
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
   System LED Drivers for Mobile Phones
BD6184GUL ROHM-BD6184GUL Datasheet
603Kb / 38P
   System LED Drivers for Mobile Phones
logo
Shenzhen Huazhimei Semi...
HM3415 HMSEMI-HM3415 Datasheet
1Mb / 6P
   Cellular and Smart Phones
logo
Toshiba Semiconductor
TPCP8405 TOSHIBA-TPCP8405 Datasheet
353Kb / 14P
   Cell Phones Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com