Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCD-CFG Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # NTCD-CFG
Description  Managed Gigabit Industrial Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NTCD-CFG Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  NTCD-CFG Datasheet HTML 1Page - Red Lion Controls. Inc NTCD-CFG Datasheet HTML 2Page - Red Lion Controls. Inc NTCD-CFG Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Managed Gigabit Industrial Ethernet Switch Specifications
ORDERING GUIDE
PART NUMBER
DESCRIPTION
NT24K-DR16-DC
Managed Industrial Ethernet Switch; modular DIN rail design with
2 expansion slots; redundant 18-49VDC power input
NT24K-DR16-AC
Managed Industrial Ethernet Switch; modular DIN rail design with
2 expansion slots; 90-264VAC / 90-300VDC power inputs
NT24K-FP
Filler panel (required to fill vacant module slots)
NTCD-CFG
Configuration recovery device
NTPC-AC-US
AC power cord
NTPS-24-3
DIN rail power supply 3.0 Amp@24 VDC
NT24K-DR-PMK
NT24k DR panel mount kit
PORT MODULES & TRANSCEIVERS
NT24K-TX8
8-port 10/100/1000BaseT module
NT24K-FX8-XX
Slide-in module with 8 100BaseFX multimode fiber ports, 2km (SC or ST)
NT24K-FXE8-XX-YY Slide-in module with 8 100BaseFX singlemode fiber ports (SC or ST)
NT24K-GX8-SC
Slide-in module with 8 1000BaseFX multimode fiber ports, 550m (SC)
NT24K-GXE8-SC-ZZ Slide-in module with 8 1000BaseFX singlemode fiber ports (SC)
NT24K-SFP8
Slide-in module with 8 SFP expansion slots; supports 1000Base SFP
transceivers*
NT24K-SFP-DM8
Slide-in module with 8 dual mode SFP expansion slots; supports
100Base or 1000Base SFP transceivers*
NTSFP-FX
100BaseFX multimode fiber SFP pluggable mini-GBIC transceiver
(LC style connector, 2km)**
NTSFP-FXE-YY
100BaseFX singlemode fiber SFP pluggable mini-GBIC transceiver
(LC style connector)**
NTSFP-TX
1000BaseT copper SFP pluggable mini-GBIC transceiver
NTSFP-SX
1000BaseSX multimode fiber SFP pluggable mini-GBIC transceiver
NTSFP-LX-ZZ
1000BaseLX singlemode fiber SFP pluggable mini-GBIC transceiver
Where:
XX = ST or SC connector (ST not available on some GX modules); YY = 15, 40, or 80 for FX singlemode,
blank for multimode; ZZ = 10, 40, or 80 for GX singlemode; *SFP transceivers sold separately; **For use with SFP
DM8 module only
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ADLD0332 051816 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
NT24K-FX8 MODULE - 100 MB FIBER TRANSCEIVER
CHARACTERISTICS
Fiber Mode
MM
SM
SM
SM
Fiber Length*
2km
15km
40km
80km
TX Power Min
-19 dBm
-15 dBm
-5 dBm
-5 dBm
RX Sensitivity Max
-31 dBm
-31 dBm
-34 dBm
-34 dBm
Wavelength
1310 nm
1310 nm
1310 nm
1550 nm
NT24K-GX8 MODULE - GIGABIT FIBER TRANSCEIVER
CHARACTERISTICS
Fiber Mode
MM
SM
SM
SM
Fiber Length*
550m @
50/125μm
300m @
62.5/125μm
10km
40km
80km
TX Power Min
-9.5 dBm
-9.5 dBm
-5 dBm
0 dBm
RX Sensitivity Max
-17 dBm
-20 dBm
-23 dBm
-24 dBm
Wavelength
850 nm
1310 nm
1310 nm
1550 nm
Laser Type
VCSEL
FP
DFB
DFB
NT24K-SFP-DM8 MODULE - SFP 100BASE FIBER TRANSCEIVER
CHARACTERISTICS
Fiber Mode
MM
SM
SM
SM
Fiber Length*
2km
15km
40km
80km
TX Power Min
-19 dBm
-15 dBm
-5 dBm
-5 dBm
RX Sensitivity Max
-31 dBm
-34 dBm
-34 dBm
-34 dBm
Wavelength
1310 nm
1310 nm
1310 nm
1550 nm
Laser Type
FP
FP
FP
DFB
NT24K-SFP-DM8 OR NT24K-SFP8 MODULES- SFP GIGABIT
FIBER TRANSCEIVER CHARACTERISTICS
Fiber Mode
MM
SM
SM
SM
Fiber Length*
550m @
50/125μm
275m @
62.5/125μm
10km
40km
80km
TX Power Min
-9.5 dBm
-9.5 dBm
-2 dBm
0 dBm
RX Sensitivity Max
-17 dBm
-20 dBm
-22 dBm
-24 dBm
Wavelength
850 nm
1310 nm
1310 nm
1550 nm
Laser Type
VCSEL
FP
DFB
DFB
* Fiber Length distances represent typical performance.
Link budgets should be evaluated based on specific application conditions.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.


Similar Part No. - NTCD-CFG

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NTCD-CFG REDLION-NTCD-CFG Datasheet
625Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NTCD-CFG REDLION-NTCD-CFG Datasheet
478Kb / 2P
   Industrial Managed Gigabit Ethernet Switch
NTCD-CFG REDLION-NTCD-CFG Datasheet
514Kb / 2P
   Industrial Managed Gigabit Ethernet Switch
NTCD-CFG REDLION-NTCD-CFG Datasheet
672Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NTCD-CFG REDLION-NTCD-CFG Datasheet
573Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
More results

Similar Description - NTCD-CFG

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-11GX3 REDLION-NT24K-11GX3 Datasheet
557Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-11FX3 REDLION-NT24K-11FX3 Datasheet
552Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-14FX6 REDLION-NT24K-14FX6 Datasheet
562Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K_DR24 REDLION-NT24K_DR24 Datasheet
672Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NT24K-14GX6 REDLION-NT24K-14GX6 Datasheet
573Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-10FX2 REDLION-NT24K-10FX2 Datasheet
550Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-8TX REDLION-NT24K-8TX Datasheet
478Kb / 2P
   Industrial Managed Gigabit Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com