Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTPS-24-1.3 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # NTPS-24-1.3
Description  Industrial Managed Gigabit Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NTPS-24-1.3 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  NTPS-24-1.3 Datasheet HTML 1Page - Red Lion Controls. Inc NTPS-24-1.3 Datasheet HTML 2Page - Red Lion Controls. Inc NTPS-24-1.3 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NT24k-10FX2 Specifications
DIMENSIONS
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
All specifications are subject to change. Consult the company website for more information.
ORDERING GUIDE
PART NUMBER
DESCRIPTION
NT24K-10FX2-XX
10-Port Gigabit Managed Industrial Ethernet Switch (8 10/100/1000BaseT, 2 100BaseFX, multimode 2km ports)
NT24K-10FXE2-XX-YY
10-Port Gigabit Managed Industrial Ethernet Switch (8 10/100/1000BaseT, 2 100BaseFX, singlemode ports)
NTCD-CFG
NT24k Configuration Recovery Device
NTPS-24-1.3
DIN-Rail Power Supply 1.3 Amp @ 24 VDC
NT24K-NM-PMK
NT24k Non-Modular Panel Mount Kit
Where XX=ST or SC connector
Where YY=15, 40, or 80
FIBER TRANSCEIVER CHARACTERISTICS
Fiber Mode
MM
SM
SM
SM
Fiber Length*
2 km
15 km
40 km
80 km
TX Power Min
-19 dBm
-15 dBm
-5 dBm
-5 dBm
RX Sensitivity Max
-31 dBm
-31 dBm
-34 dBm
-34 dBm
Wavelength
1310 nm
1310 nm
1310 nm
1550 nm
* Fiber Length distances represent typical performance.
Link budgets should be evaluated based on specific application conditions.
ADLD0409 051916 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.


Similar Part No. - NTPS-24-1.3

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NTPS-24-1.3 REDLION-NTPS-24-1.3 Datasheet
514Kb / 2P
   Industrial Managed Gigabit Ethernet Switch
NTPS-24-1.3 REDLION-NTPS-24-1.3 Datasheet
1Mb / 4P
   Managed Industrial Ethernet Switch
NTPS-24-1.3 REDLION-NTPS-24-1.3 Datasheet
372Kb / 1P
   DIN Rail Mount Power Supply
NTPS-24-1.3 REDLION-NTPS-24-1.3 Datasheet
573Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NTPS-24-1.3 REDLION-NTPS-24-1.3 Datasheet
828Kb / 3P
   Managed Industrial Ethernet Switch
More results

Similar Description - NTPS-24-1.3

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NT24K-11GX3 REDLION-NT24K-11GX3 Datasheet
557Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-11FX3 REDLION-NT24K-11FX3 Datasheet
552Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-14FX6 REDLION-NT24K-14FX6 Datasheet
562Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K_DR24 REDLION-NT24K_DR24 Datasheet
672Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NT24K-14GX6 REDLION-NT24K-14GX6 Datasheet
573Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-8TX REDLION-NT24K-8TX Datasheet
478Kb / 2P
   Industrial Managed Gigabit Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com