Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7008L25JB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7008L25JB
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7008L25JB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7008L25JB Datasheet HTML 5Page - Integrated Device Technology IDT7008L25JB Datasheet HTML 6Page - Integrated Device Technology IDT7008L25JB Datasheet HTML 7Page - Integrated Device Technology IDT7008L25JB Datasheet HTML 8Page - Integrated Device Technology IDT7008L25JB Datasheet HTML 9Page - Integrated Device Technology IDT7008L25JB Datasheet HTML 10Page - Integrated Device Technology IDT7008L25JB Datasheet HTML 11Page - Integrated Device Technology IDT7008L25JB Datasheet HTML 12Page - Integrated Device Technology IDT7008L25JB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
6.42
IDT7008S/L
High-Speed 64K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
9
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(6,7)
NOTES:
1. Transition is measured 0mV from Low- or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranted by device characterization, but is not production tested.
3. To access RAM,
CE= VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE= VIH and SEM = VIL.
5. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
6. 'X' in part numbers indicates power rating (s or L).
7. Industrial Temperature: for other speeds, packages and powers contact your sales office.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(6,7)
7008X20
Com'l Only
7008X25 Com'l
& Military
7008X35 Com'l
& Military
7008X55
Com'l, Ind
& Military
Unit
Symbol
Parameter
Min.Max.Min.Max.
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
55
____
ns
tAA
Address Access Time
____
20
____
25
____
35
____
55
ns
tACE
Chip Enable Access Time
(4)
____
20
____
25
____
35
____
55
ns
tAOE
Output Enable Access Time
____
12
____
13
____
20
____
30
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
3
____
3
____
ns
tHZ
Output High-Z Time
(1,2)
____
12
____
15
____
15
____
25
ns
tPU
Chip Enab le to Power Up Time (2)
0
____
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time (2)
____
20
____
25
____
35
____
50
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)10
____
12
____
15
____
15
____
ns
tSAA
Semaphore Address Access Time
____
20
____
25
____
35
____
55
ns
3198 tbl 12
Symbol
Parameter
7008X20
Com'l Only
7008X25
Com'l &
Military
7008X35
Com'l &
Military
7008X55
Com'l, Ind
& Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
20
____
25
____
35
____
55
____
ns
tEW
Chip Enable to End-of-Write(3)
15
____
20
____
30
____
45
____
ns
tAW
Address Valid to End-of-Write
15
____
20
____
30
____
45
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
15
____
20
____
25
____
40
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
15
____
15
____
30
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
15
____
15
____
25
ns
tDH
Data Hold Time(5)
0
____
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
12
____
15
____
15
____
25
ns
tOW
Output Active from End-of-Write(1,2,5)
0
____
0
____
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
5
____
5
____
ns
3198 tbl 13


Similar Part No. - IDT7008L25JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008L IDT-IDT7008L Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7008L25JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com