Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K2G08Q0M-PIB0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9K2G08Q0M-PIB0
Description  256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K2G08Q0M-PIB0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9K2G08Q0M-PIB0 Datasheet HTML 6Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 7Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 8Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 9Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 10Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 11Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 12Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 13Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
FLASH MEMORY
10
K9K2G08Q0M-YCB0,YIB0,PCB0,PIB0
K9K2G16Q0M-YCB0,YIB0,PCB0,PIB0
K9K2G08U0M-YCB0,YIB0,PCB0,PIB0
K9K2G16U0M-YCB0,YIB0,PCB0,PIB0
K9K2G08U0M-VCB0,VIB0,FCB0,FIB0
DC AND OPERATING CHARACTERISTICS(Recommended operating conditions otherwise noted.)
Parameter
Symbol
Test Conditions
K9K2GXXQ0M(1.8V)
K9K2GXXU0M(3.3V)
Unit
Min
Typ
Max
Min
Typ
Max
Operat-
ing
Current
Page Read with
Serial Access
ICC1
tRC=50ns, CE=VIL
IOUT=0mA
-
5
20
-
10
30
mA
Program
ICC2
-
-
5
20
-
10
30
Erase
ICC3
-
-
5
20
-
10
30
Stand-by Current(TTL)
ISB1
CE=VIH, WP=PRE=0V/VCC
-
-
1
-
-
1
Stand-by Current(CMOS)
ISB2
CE=VCC-0.2,
WP=PRE=0V/VCC
-
20
100
-
20
100
µA
Input Leakage Current
ILI
VIN=0 to Vcc(max)
-
-
±20
-
-
±20
Output Leakage Current
ILO
VOUT=0 to Vcc(max)
-
-
±20
-
-
±20
Input High Voltage
VIH
-
VCC-0.4
-
VCC+
0.3
2.0
-
VCC+0.3
V
Input Low Voltage, All inputs
VIL
-
-0.3
-
0.4
-0.3
-
0.8
Output High Voltage Level
VOH
K9K2GXXQ0M :IOH=-100
µA
K9K2GXXU0M :IOH=-400
µA
Vcc-0.1
-
-
2.4
-
-
Output Low Voltage Level
VOL
K9K2GXXQ0M :IOL=100uA
K9K2GXXU0M :IOL=2.1mA
-
-
0.1
-
-
0.4
Output Low Current(R/B)
IOL(R/B)
K9K2GXXQ0M :VOL=0.1V
K9K2GXXU0M :VOL=0.4V
3
4
-
8
10
-
mA
RECOMMENDED OPERATING CONDITIONS
(Voltage reference to GND, K9K2GXXX0M-XCB0
:TA=0 to 70
°C, K9K2GXXX0M-XIB0:TA=-40 to 85°C)
Parameter
Symbol
K9K2GXXQ0M(1.8V)
K9K2GXXU0M(3.3V)
Unit
Min
Typ.
Max
Min
Typ.
Max
Supply Voltage
VCC
1.70
1.8
1.95
2.7
3.3
3.6
V
Supply Voltage
VSS
0
0
0
0
0
0
V
ABSOLUTE MAXIMUM RATINGS
NOTE :
1. Minimum DC voltage is -0.6V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <30ns.
Maximum DC voltage on input/output pins is VCC,+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
K9K2GXXQ0M(1.8V)
K9K2GXXU0M(3.3V)
Voltage on any pin relative to VSS
VIN/OUT
-0.6 to + 2.45
-0.6 to + 4.6
V
VCC
-0.2 to + 2.45
-0.6 to + 4.6
Temperature Under Bias
K9K2GXXX0M-XCB0
TBIAS
-10 to +125
°C
K9K2GXXX0M-XIB0
-40 to +125
Storage Temperature
K9K2GXXX0M-XCB0
TSTG
-65 to +150
°C
K9K2GXXX0M-XIB0
Short Circuit Current
Ios
5
mA


Similar Part No. - K9K2G08Q0M-PIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08Q0M-P SAMSUNG-K9K2G08Q0M-P Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
More results

Similar Description - K9K2G08Q0M-PIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com