Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7008L20JB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7008L20JB
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7008L20JB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7008L20JB Datasheet HTML 1Page - Integrated Device Technology IDT7008L20JB Datasheet HTML 2Page - Integrated Device Technology IDT7008L20JB Datasheet HTML 3Page - Integrated Device Technology IDT7008L20JB Datasheet HTML 4Page - Integrated Device Technology IDT7008L20JB Datasheet HTML 5Page - Integrated Device Technology IDT7008L20JB Datasheet HTML 6Page - Integrated Device Technology IDT7008L20JB Datasheet HTML 7Page - Integrated Device Technology IDT7008L20JB Datasheet HTML 8Page - Integrated Device Technology IDT7008L20JB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
©2000 Integrated Device Technology, Inc.
MAY 2000
DSC 3198/6
I/O
Control
Address
Decoder
64Kx8
MEMORY
ARRAY
7008
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
CE0L
OEL
R/
W L
A15L
A0L
I/O0-7L
SEML
INTL
(2)
BUSYL
(1,2)
R/
WL
CE0L
OEL
I/O
Control
Address
Decoder
OER
R/
WR
CE0R
A15R
A0R
I/O0-7R
SEMR
INTR
(2)
R
BUSY
(1,2)
M/
S
(1)
CE1L
R/
WR
CE0R
OER
CE1R
3198 drw 01
1L
CE
1R
CE
16
16
Functional Block Diagram
x
IDT7008 easily expands data bus width to 16 bits or
more using the Master/Slave select when cascading more
than one device
x
M/
S = VIH for BUSY output flag on Master,
M/
S = VIL for BUSY input on Slave
x
Interrupt Flag
x
On-chip port arbitration logic
x
Full on-chip hardware support of semaphore signaling
between ports
x
Fully asynchronous operation from either port
x
TTL-compatible, single 5V (±10%) power supply
x
Available in 84-pin PGA, 84-pin PLCC, and a 100-pin TQFP
x
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Features
x
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
x
High-speed access
– Military: 25/35/55ns (max.)
– Industrial: 55ns (max.)
– Commercial: 20/25/35/55ns (max.)
x
Low-power operation
– IDT7008S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT7008L
Active: 750mW (typ.)
Standby: 1mW (typ.)
x
Dual chip enables allow for depth expansion without
external logic
HIGH-SPEED
64K x 8 DUAL-PORT
STATIC RAM
IDT7008S/L
NOTES:
1.
BUSY is an input as a Slave (M/S = VIL) and an output when it is a Master (M/S = VIH).
2.
BUSY and INT are non-tri-state totem-pole outputs (push-pull).


Similar Part No. - IDT7008L20JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008L IDT-IDT7008L Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7008L20JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com