Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM-4DI2-4DO2 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # RM-4DI2-4DO2
Description  I/O Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

RM-4DI2-4DO2 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  RM-4DI2-4DO2 Datasheet HTML 1Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RemoteTRAK® I/O Modules
Sixnet Automation Series
I/O Modules
SIXNET Technology Park 331 Ushers Road Ballston Lake, NY 12019 USA
+1 518.877.5173 Fax +1 518.877.8346 sales@sixnetio.com
SOLUTIONS FOR TODAY’S INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNETIO.COM
REMOTETRAKTM
Select RM-4DI2-4AI2 when you need a few discrete and analog inputs for monitoring remote signals
and select RM-4DI2-4DO2 when you need a few discrete inputs and outputs for controls at a small,
remote location.
RM-4DI2-4AI2
RM-4DI2-4DO2
PRODUCT HIGHLIGHTS
n
Single module compact solutions for small stations
n
Lowest cost I/O solution for small remote stations
n
Ideal solution for small “dumb” RTU applications
n
Supports SIXNET radio packeting and phone links
PRODUCT HIGHLIGHTS
n
4 discrete inputs
n
Nominal discrete input range 12/24 VDC
n
Discrete input characteristics same as RM-8DI2
n
Number of analog inputs 4 (-4AI2 module only)
n
Analog input range 4-20 mA
n
Analog input resolution 16 bits
n
Analog input characteristics Same as RM-8AI2
n
Number of discrete outputs 4 (-4DO2 module only)
n
Max. output current per channel 1 Amp
n
Discrete output characteristics Same as RM-16DO2
n
Filtered Mode ON/OFF delay 25 mS
n
Filtered Mode count feature 10 Hz Maximum
n
Fast Mode count feature 100 Hz Max (2 kHz on
channel 1)
n
Serial communication information See page 19
ENVIRONMENTAL
n
RS485 isolation 1200 Volts RMS 1 minute
n
Required supply voltage 10-30 VDC (0.5 watt typical)
n
Operating temperature range -30 to 70° C
n
Storage temperature range -40 to 85° C
n
Humidity (non-condensing) 5 to 95%
n
Flammability (module plastic) UL 94V-0 materials
n
Electrical safety UL 508, CSA C22.2/14; EN61010-1
(IEC1010), CE
n
EMI emissions FCC part 15, ICES-003, Class A;
EN55022, CE
n
EMC immunity EN50082-1 (IEC801-2, 3, 4) CE
n
Vibration IEC68-2-6
n
Hazardous locations UL 1604, CSA C22.2/213-
M1987, (Class I, Div 2, Groups A, B, C, D), EN50021
(zone 2)
n
Marine/offshore tested and/or verified to meet
various marine and maritime standards
PRODUCT DATASHEET
All specifications are subject to change. Consult factory for latest info.
2002 DATASHEET
RM-4DI2-4AI2 & RM-4DI2-4DO2 12/10
ORDERING INFORMATION
RM-4DI2-4AI2 - 4DI and 4AI with universal base
RM-4DI2-4DO2 - 4DI and 4DO with universal base
RM-4DI2-4AI2 - Replacement module only
RM-4DI2-4DO2 - Replacement module only
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0366 090913 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
SIXNET Technology Park 331 Ushers Road Ballston Lake, NY 12019 USA
+1 518.877.5173 Fax +1 518.877.8346 sales@sixnetio.com
SOLUTIONS FOR TODAY’S INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNETIO.COM
REMOTETRAKTM
Select RM-4DI2-4AI2 when you need a few discrete and analog inputs for monitoring remote signals
and select RM-4DI2-4DO2 when you need a few discrete inputs and outputs for controls at a small,
remote location.
RM-4DI2-4AI2
RM-4DI2-4DO2
PRODUCT HIGHLIGHTS
n
Single module compact solutions for small stations
n
Lowest cost I/O solution for small remote stations
n
Ideal solution for small “dumb” RTU applications
n
Supports SIXNET radio packeting and phone links
PRODUCT HIGHLIGHTS
n
4 discrete inputs
n
Nominal discrete input range 12/24 VDC
n
Discrete input characteristics same as RM-8DI2
n
Number of analog inputs 4 (-4AI2 module only)
n
Analog input range 4-20 mA
n
Analog input resolution 16 bits
n
Analog input characteristics Same as RM-8AI2
n
Number of discrete outputs 4 (-4DO2 module only)
n
Max. output current per channel 1 Amp
n
Discrete output characteristics Same as RM-16DO2
n
Filtered Mode ON/OFF delay 25 mS
n
Filtered Mode count feature 10 Hz Maximum
n
Fast Mode count feature 100 Hz Max (2 kHz on
channel 1)
n
Serial communication information See page 19
ENVIRONMENTAL
n
RS485 isolation 1200 Volts RMS 1 minute
n
Required supply voltage 10-30 VDC (0.5 watt typical)
n
Operating temperature range -30 to 70° C
n
Storage temperature range -40 to 85° C
n
Humidity (non-condensing) 5 to 95%
n
Flammability (module plastic) UL 94V-0 materials
n
Electrical safety UL 508, CSA C22.2/14; EN61010-1
(IEC1010), CE
n
EMI emissions FCC part 15, ICES-003, Class A;
EN55022, CE
n
EMC immunity EN50082-1 (IEC801-2, 3, 4) CE
n
Vibration IEC68-2-6
n
Hazardous locations UL 1604, CSA C22.2/213-
M1987, (Class I, Div 2, Groups A, B, C, D), EN50021
(zone 2)
n
Marine/offshore tested and/or verified to meet
various marine and maritime standards
PRODUCT DATASHEET
All specifications are subject to change. Consult factory for latest info.
2002 DATASHEET
RM-4DI2-4AI2 & RM-4DI2-4DO2 12/10
ORDERING INFORMATION
RM-4DI2-4AI2 - 4DI and 4AI with universal base
RM-4DI2-4DO2 - 4DI and 4DO with universal base
RM-4DI2-4AI2 - Replacement module only
RM-4DI2-4DO2 - Replacement module only
SIXNET Technology Park 331 Ushers Road Ballston Lake, NY 12019 USA
+1 518.877.5173 Fax +1 518.877.8346 sales@sixnetio.com
SOLUTIONS FOR TODAY’S INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNETIO.COM
REMOTETRAKTM
Select RM-4DI2-4AI2 when you need a few discrete and analog inputs for monitoring remote signals
and select RM-4DI2-4DO2 when you need a few discrete inputs and outputs for controls at a small,
remote location.
RM-4DI2-4AI2
RM-4DI2-4DO2
PRODUCT HIGHLIGHTS
n
Single module compact solutions for small stations
n
Lowest cost I/O solution for small remote stations
n
Ideal solution for small “dumb” RTU applications
n
Supports SIXNET radio packeting and phone links
PRODUCT HIGHLIGHTS
n
4 discrete inputs
n
Nominal discrete input range 12/24 VDC
n
Discrete input characteristics same as RM-8DI2
n
Number of analog inputs 4 (-4AI2 module only)
n
Analog input range 4-20 mA
n
Analog input resolution 16 bits
n
Analog input characteristics Same as RM-8AI2
n
Number of discrete outputs 4 (-4DO2 module only)
n
Max. output current per channel 1 Amp
n
Discrete output characteristics Same as RM-16DO2
n
Filtered Mode ON/OFF delay 25 mS
n
Filtered Mode count feature 10 Hz Maximum
n
Fast Mode count feature 100 Hz Max (2 kHz on
channel 1)
n
Serial communication information See page 19
ENVIRONMENTAL
n
RS485 isolation 1200 Volts RMS 1 minute
n
Required supply voltage 10-30 VDC (0.5 watt typical)
n
Operating temperature range -30 to 70° C
n
Storage temperature range -40 to 85° C
n
Humidity (non-condensing) 5 to 95%
n
Flammability (module plastic) UL 94V-0 materials
n
Electrical safety UL 508, CSA C22.2/14; EN61010-1
(IEC1010), CE
n
EMI emissions FCC part 15, ICES-003, Class A;
EN55022, CE
n
EMC immunity EN50082-1 (IEC801-2, 3, 4) CE
n
Vibration IEC68-2-6
n
Hazardous locations UL 1604, CSA C22.2/213-
M1987, (Class I, Div 2, Groups A, B, C, D), EN50021
(zone 2)
n
Marine/offshore tested and/or verified to meet
various marine and maritime standards
PRODUCT DATASHEET
All specifications are subject to change. Consult factory for latest info.
2002 DATASHEET
RM-4DI2-4AI2 & RM-4DI2-4DO2 12/10
ORDERING INFORMATION
RM-4DI2-4AI2 - 4DI and 4AI with universal base
RM-4DI2-4DO2 - 4DI and 4DO with universal base
RM-4DI2-4AI2 - Replacement module only
RM-4DI2-4DO2 - Replacement module only


Similar Part No. - RM-4DI2-4DO2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RM-42316 FAIRCHILD-RM-42316 Datasheet
390Kb / 11P
   Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
More results

Similar Description - RM-4DI2-4DO2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
PB-8SM CRYDOM-PB-8SM Datasheet
1Mb / 3P
   I/O Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com