Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGD2117 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD2117
Description  SINGLE CHANNEL GATE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2117 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD2117 Datasheet HTML 1Page - Diodes Incorporated DGD2117 Datasheet HTML 2Page - Diodes Incorporated DGD2117 Datasheet HTML 3Page - Diodes Incorporated DGD2117 Datasheet HTML 4Page - Diodes Incorporated DGD2117 Datasheet HTML 5Page - Diodes Incorporated DGD2117 Datasheet HTML 6Page - Diodes Incorporated DGD2117 Datasheet HTML 7Page - Diodes Incorporated DGD2117 Datasheet HTML 8Page - Diodes Incorporated DGD2117 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DGD2117/2118
Document number: DS38312 Rev. 1 - 2
4 of 11
www.diodes.com
April 2016
© Diodes Incorporated
DGD2117/2118
DC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” (DGD2117) & Logic “0” (DGD2118) Input
Voltage
VIH
9.5
V
Logic “0” (DGD2117) & Logic “1” (DGD2118) Input
Voltage
VIL
6.0
V
High Level Output Voltage, VBIAS - VO
VOH
0.05
0.2
V
IO = 2mA
Low Level Output Voltage, VO
VOL
0.02
0.1
V
IO = 2mA
Offset Supply Leakage Current
ILK
50
µA
VB = VS = 600V
Quiescent VBS Supply Current
IBSQ
50
240
µA
VIN = 0V or VCC
Quiescent VCC Supply Current
ICCQ
70
340
µA
VIN = 0V or VCC
Logic “1” Input Bias Current
DGD2117
IIN+
20
40
µA
VIN = VCC
DGD2118
VIN = 0V
Logic “0” Input Bias Current
DGD2117
IIN-
5.0
µA
VIN = 0V
DGD2118
VIN = VCC
VBS Supply Under-voltage Positive Going Threshold
VBSUV+
7.6
8.6
9.6
V
VBS Supply Under-voltage Negative Going Threshold
VBSUV-
7.2
8.2
9.2
V
VCC Supply Under-voltage Positive Going Threshold
VCCUV+
7.6
8.6
9.6
V
VCC Supply Under-voltage Negative Going Threshold
VCCUV-
7.2
8.2
9.2
V
Output High Short Circuit Pulsed Current
IO+
200
290
mA
VO = 0V, VIN = Logic “1”,
PW ≤ 10µs
Output Low Short Circuit Pulsed Current
IO-
420
600
mA
VO = 15V, VIN = Logic “0”,
PW ≤ 10µs
Note:
7. The VIN and IIN parameters are referenced to COM and are applicable to the logic input pins: IN and IN*. The VO and IO parameters are referenced to COM
and are applicable to the output pin: HO.
AC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-on Propagation Delay
tON
125
200
ns
VS = 0V
Turn-off Propagation Delay
tOFF
105
180
ns
VS = 600V
Turn-on Rise Time
tr
75
130
ns
Turn-off Fall Time
tf
35
65
ns


Similar Part No. - DGD2117

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117 Datasheet
602Kb / 11P
   SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
DGD2117S8-13 DIODES-DGD2117S8-13 Datasheet
602Kb / 11P
   SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
DGD2117 DIODES-DGD2117_V01 Datasheet
602Kb / 11P
   SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
More results

Similar Description - DGD2117

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117_V01 Datasheet
602Kb / 11P
   SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
logo
Infineon Technologies A...
1EDI60IN12AF INFINEON-1EDI60IN12AF_15 Datasheet
1Mb / 22P
   Single Channel MOSFET Gate Driver IC
Rev. 2.0, 2015-06-01
1ED44171N01B INFINEON-1ED44171N01B Datasheet
1Mb / 18P
   Single-channel low-side gate driver IC
V 1.1 2022-02-02
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
   Single IGBT Gate Driver
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
   Single IGBT Gate Driver
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_06 Datasheet
131Kb / 13P
   Single IGBT Gate Driver
July, 2006 ??Rev. 5
logo
KODENSHI_AUK CORP.
KK33153 KODENSHI-KK33153 Datasheet
110Kb / 4P
   SINGLE IGBT GATE DRIVER
logo
ON Semiconductor
MC33153 ONSEMI-MC33153 Datasheet
189Kb / 12P
   SINGLE IGBT GATE DRIVER
1998 REV 2
logo
Integral Corp.
IL33153 INTEGRAL-IL33153 Datasheet
124Kb / 3P
   SINGLE IGBT GATE DRIVER
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_13 Datasheet
168Kb / 14P
   Single IGBT Gate Driver
August, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com