Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7R161884B-FC25 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K7R161884B-FC25
Description  512Kx36 & 1Mx18 QDR II b4 SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7R161884B-FC25 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K7R161884B-FC25 Datasheet HTML 7Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 8Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 9Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 10Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 11Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 12Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 13Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 14Page - Samsung semiconductor K7R161884B-FC25 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
- 11 -
Rev 3.1
July. 2004
512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7R163684B
K7R161884B
AC TIMING CHARACTERISTICS(VDD=1.8V±0.1V, TA=0°C to +70°C)
Notes: 1. All address inputs must meet the specified setup and hold times for all latching clock edges.
2. Control singles are R, W,BW0,BW1 and (NW0, NW1, for x8) and (BW2, BW3, also for x36)
3. If C,C are tied high, K,K become the references for C,C timing parameters.
4. To avoid bus contention, at a given voltage and temperature tCHQX1 is bigger than tCHQZ.
The specs as shown do not imply bus contention beacuse tCHQX1 is a MIN parameter that is worst case at totally different test conditions
(0
°C, 1.9V) than tCHQZ, which is a MAX parameter(worst case at 70°C, 1.7V)
It is not possible for two SRAMs on the same board to be at such different voltage and temperature.
5. Clock phase jitter is the variance from clock rising edge to the next expected clock rising edge.
6. Vdd slew rate must be less than 0.1V DC per 50 ns for DLL lock retention. DLL lock time begins once Vdd and input clock are stable.
7. Echo clock is very tightly controlled to data valid/data hold. By design, there is a
± 0.1 ns variation from echo clock to data.
The data sheet parameters reflect tester guardbands and test setup variations.
PARAMETER
SYMBOL
-30
-25
-20
-16
UNIT NOTE
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Clock
Clock Cycle Time (K, K, C, C)tKHKH
3.30
5.25
4.00
6.30
5.00
7.88
6.00
8.40
ns
Clock Phase Jitter (K, K, C, C)tKC var
0.20
0.20
0.20
0.20
ns
5
Clock High Time (K, K, C, C)tKHKL
1.32
1.60
2.00
2.40
ns
Clock Low Time (K, K, C, C)tKLKH
1.32
1.60
2.00
2.40
ns
Clock to Clock (K
↑ → K↑, C↑ → C↑)
tKHKH
1.49
1.80
2.20
2.70
ns
Clock to data clock (K
↑ → C↑, K↑→ C↑)
tKHCH
0.00
1.45
0.00
1.80
0.00
2.30
0.00
2.80
ns
DLL Lock Time (K, C)
tKC lock
1024
1024
1024
1024
cycle
6
K Static to DLL reset
tKC reset
30
30
30
30
ns
Output Times
C, C High to Output Valid
tCHQV
0.45
0.45
0.45
0.50
ns
3
C, C High to Output Hold
tCHQX
-0.45
-0.45
-0.45
-0.50
ns
3
C, C High to Echo Clock Valid
tCHCQV
0.45
0.45
0.45
0.50
ns
C, C High to Echo Clock Hold
tCHCQX
-0.45
-0.45
-0.45
-0.50
ns
CQ, CQ High to Output Valid
tCQHQV
0.27
0.30
0.35
0.40
ns
7
CQ, CQ High to Output Hold
tCQHQX
-0.27
-0.30
-0.35
-0.40
ns
7
C, High to Output High-Z
tCHQZ
0.45
0.45
0.45
0.50
ns
3
C, High to Output Low-Z
tCHQX1
-0.45
-0.45
-0.45
-0.50
ns
3
Setup Times
Address valid to K rising edge
tAVKH
0.40
0.50
0.60
0.70
ns
Control inputs valid to K rising edge
tIVKH
0.40
0.50
0.60
0.70
ns
2
Data-in valid to K, K rising edge
tDVKH
0.30
0.35
0.40
0.50
ns
Hold Times
K rising edge to address hold
tKHAX
0.40
0.50
0.60
0.70
ns
K rising edge to control inputs hold
tKHIX
0.40
0.50
0.60
0.70
ns
K, K rising edge to data-in hold
tKHDX
0.30
0.35
0.40
0.50
ns


Similar Part No. - K7R161884B-FC25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R161884B SAMSUNG-K7R161884B Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
More results

Similar Description - K7R161884B-FC25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S1636T4C SAMSUNG-K7S1636T4C Datasheet
382Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S1636U4C SAMSUNG-K7S1636U4C Datasheet
381Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7Q163664B SAMSUNG-K7Q163664B Datasheet
344Kb / 17P
   512Kx36 & 1Mx18 QDR TM b4 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com