Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS240Q-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DFLS240Q-7
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI123
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS240Q-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DFLS240Q-7 Datasheet HTML 1Page - Diodes Incorporated DFLS240Q-7 Datasheet HTML 2Page - Diodes Incorporated DFLS240Q-7 Datasheet HTML 3Page - Diodes Incorporated DFLS240Q-7 Datasheet HTML 4Page - Diodes Incorporated DFLS240Q-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DFLS240Q
Document number: DS38904 Rev. 1 - 2
4 of 5
www.diodes.com
May 2016
© Diodes Incorporated
DFLS240Q
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI123
D
E
L1
L3
L3
L(2X)
E1
A
A3
b2
b
PowerDI123
Dim
Min
Max
Typ
A
0.93
1.00
0.98
A3
0.15
0.25
0.20
b
0.85
1.25
1.00
b2
1.025
1.125
1.10
D
1.63
1.93
1.78
E
3.50
3.90
3.70
E1
2.60
3.00
2.80
L
0.40
0.50
0.45
L1
1.25
1.40
1.35
L3
0.125
0.275
0.20
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI123
X
X1
Y1
G
Y
X2
Dimensions
Value
(in mm)
G
0.65
X
1.05
X1
2.40
X2
4.10
Y
1.50
Y1
1.50


Similar Part No. - DFLS240Q-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS240 DIODES-DFLS240 Datasheet
80Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Linear Technology
DFLS240 LINER-DFLS240 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
logo
Diodes Incorporated
DFLS240-7 DIODES-DFLS240-7 Datasheet
77Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS240-7 DIODES-DFLS240-7 Datasheet
80Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS240L DIODES-DFLS240L Datasheet
88Kb / 3P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 4 - 2
More results

Similar Description - DFLS240Q-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS260Q DIODES-DFLS260Q Datasheet
316Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI123
September 2018 Rev. 2 - 2
DFLS230Q DIODES-DFLS230Q Datasheet
288Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI123
September 2018 Rev. 2 - 2
DFLS160Q DIODES-DFLS160Q Datasheet
395Kb / 6P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI123
September 2018
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com