Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K2G08U0M-FIB0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K9K2G08U0M-FIB0
Description  256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K2G08U0M-FIB0 Datasheet(HTML) 1 Page - Samsung semiconductor

  K9K2G08U0M-FIB0 Datasheet HTML 1Page - Samsung semiconductor K9K2G08U0M-FIB0 Datasheet HTML 2Page - Samsung semiconductor K9K2G08U0M-FIB0 Datasheet HTML 3Page - Samsung semiconductor K9K2G08U0M-FIB0 Datasheet HTML 4Page - Samsung semiconductor K9K2G08U0M-FIB0 Datasheet HTML 5Page - Samsung semiconductor K9K2G08U0M-FIB0 Datasheet HTML 6Page - Samsung semiconductor K9K2G08U0M-FIB0 Datasheet HTML 7Page - Samsung semiconductor K9K2G08U0M-FIB0 Datasheet HTML 8Page - Samsung semiconductor K9K2G08U0M-FIB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
FLASH MEMORY
1
K9K2G08Q0M-YCB0,YIB0,PCB0,PIB0
K9K2G16Q0M-YCB0,YIB0,PCB0,PIB0
K9K2G08U0M-YCB0,YIB0,PCB0,PIB0
K9K2G16U0M-YCB0,YIB0,PCB0,PIB0
K9K2G08U0M-VCB0,VIB0,FCB0,FIB0
Document Title
256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the
right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you
have any questions, please contact the SAMSUNG branch office near your office.
Revision No
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Remark
Advance
History
1. Initial issue
1. IOL(R/B) of 1.8V device is changed.
-min. Value: 7mA -->3mA
-typ. Value: 8mA -->4mA
1. 5th cycle of ID is changed
: 40h --> 44h
1. Add WSOP Package Dimensions.
1. Max Icc value of 1.8V/3.3V device is changed.
- Max. value Icc1,Icc2,Icc3: 20mA --> 30mA (3.3V device)
- Max. value Icc1,Icc2,Icc3: 15mA --> 20mA (1.8V device)
1. Add the Rp vs tr ,tf & Rp vs ibusy graph for 1.8V device (Page 35)
2. Add the data protection Vcc guidence for 1.8V device - below about
1.1V. (Page 36)
The min. Vcc value 1.8V devices is changed.
K9K2GXXQ0M : Vcc 1.65V~1.95V --> 1.70V~1.95V
Pb-free Package is added.
K9K2G08U0M-FCB0,FIB0
K9K2G08Q0M-PCB0,PIB0
K9K2G08U0M-PCB0,PIB0
K9K2G16U0M-PCB0,PIB0
K9K2G16Q0M-PCB0,PIB0
Errata is added.(Front Page)-K9K2GXXQ0M
tWC tWP tWH tRC tREH tRP tREA tCEA
Specification
45
25
15
50
15
25
30
45
Relaxed value
80
60
20
60
80
60
60
75
1. The 3rd Byte ID after 90h ID read command is don’t cared.
The 5th Byte ID after 90h ID read command is deleted.
1. Added Addressing method for program operation
Draft Date
Sep. 19.2001
Nov. 5. 2001
Jan. 23.2002
May. 29.2002
Sep. 12.2002
Nov. 22.2002
Mar. 6.2003
Mar. 13.2003
Mar. 17.2003
Apr. 9. 2003
Jan. 27. 2004


Similar Part No. - K9K2G08U0M-FIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08U0M-F SAMSUNG-K9K2G08U0M-F Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
More results

Similar Description - K9K2G08U0M-FIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com