Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS21TWQ-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS21TWQ-7
Description  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS21TWQ-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS21TWQ-7 Datasheet HTML 1Page - Diodes Incorporated BAS21TWQ-7 Datasheet HTML 2Page - Diodes Incorporated BAS21TWQ-7 Datasheet HTML 3Page - Diodes Incorporated BAS21TWQ-7 Datasheet HTML 4Page - Diodes Incorporated BAS21TWQ-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS21TWQ
Document number: DS38635 Rev. 2 - 2
1 of 5
www.diodes.com
June 2016
© Diodes Incorporated
BAS21TWQ
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Features
Fast Switching Speed: 50ns (Max)
High Peak Repetitive Reverse Voltage: 250V (Max)
Small Surface Mount Package
Low Reverse Leakage Current
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT363
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Orientation: See Diagram
Weight: 0.009 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
BAS21TWQ-7
Automotive
SOT363
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
Code
D
E
F
G
H
I
J
K
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT363
Top View
Internal Schematic
XJK = Product Type Marking Code
YM = Date Code Marking
Y =Year (ex: D = 2016)
M = Month (ex: 9 = September)
XJK


Similar Part No. - BAS21TWQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21TW DIODES-BAS21TW Datasheet
108Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Cystech Electonics Corp...
BAS21TW CYSTEKEC-BAS21TW Datasheet
275Kb / 6P
   Switching Diode
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Nanjing International G...
BAS21TW DGNJDZ-BAS21TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
logo
Goodwork Semiconductor ...
BAS21TW GWSEMI-BAS21TW Datasheet
193Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
More results

Similar Description - BAS21TWQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
logo
Guangdong Kexin Industr...
KAS19W KEXIN-KAS19W Datasheet
51Kb / 1P
   Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
   Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Comchip Technology
CDSV5-4448C2 COMCHIP-CDSV5-4448C2 Datasheet
110Kb / 2P
   Surface Mount Fast Switching Diode Array
logo
Diodes Incorporated
MMBD4448HCQW DIODES-MMBD4448HCQW_15 Datasheet
115Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
MMBD4448HTM DIODES-MMBD4448HTM_15 Datasheet
80Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
   Surface Mount Fast Switching Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com