Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B370Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B370Q
Description  3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B370Q Datasheet(HTML) 3 Page - Diodes Incorporated

  B370Q Datasheet HTML 1Page - Diodes Incorporated B370Q Datasheet HTML 2Page - Diodes Incorporated B370Q Datasheet HTML 3Page - Diodes Incorporated B370Q Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B370Q - B3100Q
Document number: DS38667 Rev. 1 - 2
3 of 4
www.diodes.com
March 2016
© Diodes Incorporated
B370Q - B3100Q
0
0.5
1.0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE ( C)
Fig. 3 Forward Current Derating Curve
T
°
1.5
2.0
2.5
3.0
0
20
40
60
80
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4 Max Non-Repetitive Peak Forward Surge Current
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SMC
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SMC
Dimensions
Value
(in mm)
C
6.90
G
4.40
X
2.50
X1
9.40
Y
3.30
X1
Y
C
G
X
A
B
C
D
G
H
E
J


Similar Part No. - B370Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B370 DIODES-B370 Datasheet
45Kb / 2P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B370 WEITRON-B370 Datasheet
219Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
B370 WEITRON-B370 Datasheet
242Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B370 DIODES-B370 Datasheet
217Kb / 3P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
B370 DIODES-B370 Datasheet
98Kb / 4P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 13 - 2
More results

Similar Description - B370Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B370-13 DIODES-B370-13 Datasheet
114Kb / 4P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B370 DIODES-B370_10 Datasheet
98Kb / 4P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 13 - 2
B370 DIODES-B370_1 Datasheet
217Kb / 3P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
B370 DIODES-B370_15 Datasheet
114Kb / 4P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B370 DIODES-B370 Datasheet
45Kb / 2P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
SB320 DIODES-SB320 Datasheet
147Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com