Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B160BQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # B160BQ
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B160BQ Datasheet(HTML) 5 Page - Diodes Incorporated

  B160BQ Datasheet HTML 1Page - Diodes Incorporated B160BQ Datasheet HTML 2Page - Diodes Incorporated B160BQ Datasheet HTML 3Page - Diodes Incorporated B160BQ Datasheet HTML 4Page - Diodes Incorporated B160BQ Datasheet HTML 5Page - Diodes Incorporated B160BQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
B120Q/BQ - B160Q/BQ
Document number: DS38236 Rev. 3 - 2
5 of 6
www.diodes.com
January 2016
© Diodes Incorporated
B120Q/BQ - B160Q/BQ
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
SMA
SMB
Dimensions
Value
(in mm)
C
4.00
G
1.50
X
2.50
X1
6.50
Y
1.70
Dimensions
Value (in mm)
C
4.30
G
1.80
X
2.50
X1
6.80
Y
2.30
C
X1
Y
G
X
C
X1
Y
G
X


Similar Part No. - B160BQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B160B DIODES-B160B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Weitron Technology
B160B WEITRON-B160B Datasheet
216Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B160B DIODES-B160B Datasheet
486Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Compact Technology Corp...
B160B CTC-B160B Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B160B WEITRON-B160B Datasheet
216Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B160BQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com