Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3983RMTR-G1 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3983RMTR-G1
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983RMTR-G1 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3983RMTR-G1 Datasheet HTML 1Page - Diodes Incorporated AP3983RMTR-G1 Datasheet HTML 2Page - Diodes Incorporated AP3983RMTR-G1 Datasheet HTML 3Page - Diodes Incorporated AP3983RMTR-G1 Datasheet HTML 4Page - Diodes Incorporated AP3983RMTR-G1 Datasheet HTML 5Page - Diodes Incorporated AP3983RMTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP3983RMTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP3983RMTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP3983RMTR-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP3983R
Document number: DS38247 Rev. 3 - 2
3 of 15
www.diodes.com
June 2016
© Diodes Incorporated
AP3983R
Functional Block Diagram
Regulator
&
Bias
OVP/SCP/OTP/
OCkP/Max tONP
PFM
UVLO
CV_ctrl
PFM
Driver
R
Q
S
R
Q
S
FB
CS
CPC
VCC
D
GND
Constant Voltage
Control
Constant Current
Control
0.05V
3
5, 6
7
1
2
COMP
EA
Peak
Current
Control
& LEB
Pro
Shutdown
Line
Compensation
OSC
Timer
UV/OV
UV/OV
Vcs_X select
VALLEY
_ON
VLOAD
CC_ctrl
CS
Bang_bang
Vcs_X
Bang_bang
Detector
Bang_bang
VLOAD
Detect
Pulse
Cable
Compensation
VLOAD
UV
Detect_on
Low Pass Filter
VCPC
Vcs_X
tONS
tOFF
tOSC
tONS
Detector
512*tOSC
Detect_On
VFB_REF
VLINE
VCS_REF
tONS
4
CS


Similar Part No. - AP3983RMTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983BMTR-G1 DIODES-AP3983BMTR-G1 Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983BMTR-G1 DIODES-AP3983BMTR-G1 Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983C DIODES-AP3983C Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results

Similar Description - AP3983RMTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3783 DIODES-AP3783 Datasheet
576Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3783 DIODES-AP3783_17 Datasheet
613Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3783R DIODES-AP3783R_16 Datasheet
582Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3781 DIODES-AP3781 Datasheet
646Kb / 15P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev. 2 - 2 May 2020
AP3783R DIODES-AP3783R Datasheet
589Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3785T DIODES-AP3785T Datasheet
659Kb / 18P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3981B DIODES-AP3981B Datasheet
511Kb / 17P
   PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP3981C DIODES-AP3981C Datasheet
521Kb / 16P
   PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 June 2019
AP3981D2 DIODES-AP3981D2 Datasheet
384Kb / 16P
   PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
logo
Power Integrations, Inc...
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
   24 W Primary-side Regulated Flyback Power Supply using TOP245Y
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com