Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7008S25GB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7008S25GB
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7008S25GB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7008S25GB Datasheet HTML 3Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 4Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 5Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 6Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 7Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 8Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 9Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 10Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
6.42
IDT7008S/L
High-Speed 64K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
7
NOTES:
1.
'X' in part numbers indicates power rating (S or L)
2.
VCC = 5V, TA = +25°C, and are not production tested. ICCDC = 120mA (Typ.)
3.
At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/ tRC, and using “AC Test Conditions” of input
levels of GND to 3V.
4.
f = 0 means no address or control lines change.
5.
Port "A" may be either left or right port. Port "B" is the opposite from port "A".
6. Refer to Chip Enable Truth Table.
7.
Industrial Temperature: for other speeds, packages and powers contact your sales office.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,6,7) (VCC = 5.0V ± 10%)
7008X20
Com'l Only
7008X25
Com'l &
Military
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX
(3)
COM'L
S
L
190
180
325
285
180
170
305
265
mA
MIL &
IND
S
L
___
___
___
___
170
170
345
305
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL = CER = VIH
SEMR = SEML = VIH
f = fMAX
(3)
COM'L
S
L
50
50
90
70
40
40
85
60
mA
MIL &
IND
S
L
___
___
___
___
40
40
100
80
ISB2
Standby Current
(One Port - TTL Level
Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX
(3)
SEMR = SEML = VIH
COM'L
S
L
115
115
215
185
105
105
200
170
mA
MIL &
IND
S
L
___
___
___
___
105
105
230
200
ISB3
Full Standby Current
(Both Ports - All CMOS
Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0
(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL &
IND
S
L
___
___
___
___
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All CMOS
Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
S
L
110
110
190
160
100
100
170
145
mA
MIL &
IND
S
L
___
___
___
___
100
100
200
175
3198 tbl 10a
7008X35
Com'l &
Military
7008X55
Com'l, Ind
& Military
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX
(3)
COM'L
S
L
160
160
295
255
150
150
270
230
mA
MIL &
IND
S
L
160
160
335
295
150
150
310
270
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL = CER = VIH
SEMR = SEML = VIH
COM'L
S
L
30
30
85
60
20
20
85
60
mA
MIL &
IND
S
L
20
20
100
80
13
13
100
80
ISB2
Standby Current
(One Port - TTL Level
Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(3)
SEMR = SEML = VIH
COM'L
S
L
95
95
185
155
85
85
165
135
mA
MIL &
IND
S
L
95
95
215
185
85
85
195
165
ISB3
Full Standby Current
(Both Ports - All CMOS
Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL &
IND
S
L
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All CMOS
Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
S
L
90
90
160
135
80
80
135
110
mA
MIL &
IND
S
L
90
90
190
165
80
80
175
150
3198 tbl 10b


Similar Part No. - IDT7008S25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7008S25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com