Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH3376-SA-7 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AH3376-SA-7
Description  HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3376-SA-7 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AH3376-SA-7 Datasheet HTML 5Page - Diodes Incorporated AH3376-SA-7 Datasheet HTML 6Page - Diodes Incorporated AH3376-SA-7 Datasheet HTML 7Page - Diodes Incorporated AH3376-SA-7 Datasheet HTML 8Page - Diodes Incorporated AH3376-SA-7 Datasheet HTML 9Page - Diodes Incorporated AH3376-SA-7 Datasheet HTML 10Page - Diodes Incorporated AH3376-SA-7 Datasheet HTML 11Page - Diodes Incorporated AH3376-SA-7 Datasheet HTML 12Page - Diodes Incorporated AH3376-SA-7 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AH3376
Document number: DS38919 Rev. 1 - 2
9 of 15
www.diodes.com
July 2016
© Diodes Incorporated
AH3376
Ordering Information
AH3376 - X - X
Packing
7 : Tape & Reel
A: Ammo Box (Note 14)
B: Bulk (Note 15)
Product Name
Package
P : SIP-3(Ammo Pack)
P : SIP-3(Bulk Pack)
SA : SOT23
W : SC59
Part Number
Package
Code
Packaging
Bulk
7
” Tape and Reel
Ammo Box
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AH3376-P-A
P
SIP-3 (Ammo Pack)
NA
NA
NA
NA
4000/Box
-A
AH3376-P-B
P
SIP-3 (Bulk Pack)
1000
-B
NA
NA
NA
NA
AH3376-SA-7
SA
SOT23
NA
NA
3000/Tape & Reel
-7
NA
NA
AH3376-W-7
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
Notes:
14. Ammo Box is for SIP-3 (Ammo Pack) Spread Lead.
15. Bulk is for SIP-3 (Bulk Pack) Straight Lead.
Marking Information
(1)
Package Type: SC59 and SOT23
XX Y W X
( Top View )
XX : Identification code
W : Week : A to Z : 1 to 26 week;
X : Internal code
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AH3376
SC59
DC
AH3376
SOT23
MZ
(2)
Package Type: SIP-3 (Ammo Pack), SIP-3 (Bulk Pack)
3376
Part Number
( Top View )
Y WW X
X : Internal Code
Y : Year : 0~9
WW : Week : 01~52, "52" represents
52 and 53 week
Part Number
Package
Identification Code
AH3376
SIP-3 (Ammo Pack)
3376
AH3376
SIP-3 (Bulk Pack)
3376


Similar Part No. - AH3376-SA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3376-SA-7 DIODES-AH3376-SA-7 Datasheet
826Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
More results

Similar Description - AH3376-SA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3377 DIODES-AH3377_18 Datasheet
827Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3376 DIODES-AH3376_18 Datasheet
826Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3377 DIODES-AH3377 Datasheet
838Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3372 DIODES-AH3372_18 Datasheet
797Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3373 DIODES-AH3373 Datasheet
834Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3372 DIODES-AH3372 Datasheet
807Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3373 DIODES-AH3373_18 Datasheet
892Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
logo
Taiwan Semiconductor Co...
TSH282 TSC-TSH282 Datasheet
333Kb / 8P
   Sensitivity Unipolar Hall Effect Switch
logo
Diodes Incorporated
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3360 DIODES-AH3360 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com