Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G86HK3-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC2G86HK3-7
Description  DUAL 2-INPUT EXCLUSIVE-OR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G86HK3-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC2G86HK3-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74LVC2G86
Document number: DS37931 Rev 1 - 2
1 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G86
DUAL 2-INPUT EXCLUSIVE-OR GATE
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and
Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free
"Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total
Br + Cl) and <1000ppm antimony compounds.
Description
The 74LVC2G86 is a dual, two input EXCLUSIVE-OR gate. Both
gates have push-pull outputs designed for operation over a power
supply range of 1.65V to 5.5V. The device is fully specified for partial
power down applications using IOFF. The IOFF circuitry disables the
output, preventing damaging current backflow when the device is
powered down. Each gate performs the positive Boolean function:
B
A
Y
or
B
A
B
A
Y
Features
Wide Supply Voltage Range from 1.65 to 5.5V
± 24mA Output Drive at 3.3V
CMOS Low Power Consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
Schmitt Trigger Action at all inputs makes the circuit tolerant
for slower input rise and fall times. The hysteresis is typically
100mV at VCC = 3.0V.
ESD Protection Exceeds JESD 22
2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
1A
1B
2Y
GND
2A
2B
1Y
VCC
(Top View)
1
2
3
4
5
6
7
8
X2-DFN2010-8
X2-DFN1410-8
X2-DFN1210-8
Applications
Voltage Level Shifting
General Purpose Logic
Power Down Signal Isolation
Wide Array of Products Such as:
PCs, Networking, Notebooks, Netbooks, PDAs
Tablet Computers, E-readers
Computer Peripherals, Hard Drives, CD/DVD ROMs
TVs, DVDs, DVRs, Set Top Boxes
Cell Phones, Personal Navigation / GPS
MP3 Players, Cameras, Video Recorders


Similar Part No. - 74LVC2G86HK3-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74LVC2G86DC PHILIPS-74LVC2G86DC Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
More results

Similar Description - 74LVC2G86HK3-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com