Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85418 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL85418
Description  Wide VIN 800mA Synchronous Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85418 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL85418 Datasheet HTML 3Page - Intersil Corporation ISL85418 Datasheet HTML 4Page - Intersil Corporation ISL85418 Datasheet HTML 5Page - Intersil Corporation ISL85418 Datasheet HTML 6Page - Intersil Corporation ISL85418 Datasheet HTML 7Page - Intersil Corporation ISL85418 Datasheet HTML 8Page - Intersil Corporation ISL85418 Datasheet HTML 9Page - Intersil Corporation ISL85418 Datasheet HTML 10Page - Intersil Corporation ISL85418 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ISL85418
7
FN8369.5
March 13, 2015
Submit Document Feedback
POWER-GOOD
Lower PG Threshold - VFB Rising
90
94
%
Lower PG Threshold - VFB Falling
82.5
86
%
Upper PG Threshold - VFB Rising
116.5
120
%
Upper PG Threshold - VFB Falling
107
112
%
PG Propagation Delay
Percentage of the soft-start time
10
%
PG Low Voltage
ISINK = 3mA, EN = VCC, VFB = 0V
0.05
0.3
V
TRACKING AND SOFT-START
Soft-Start Charging Current
ISS
4.2
5.5
6.5
µA
Internal Soft-Start Ramp Time
EN/SS = VCC
1.5
2.4
3.4
ms
FAULT PROTECTION
Thermal Shutdown Temperature
TSD
Rising threshold
150
°C
THYS
Hysteresis
20
°C
Current Limit Blanking Time
tOCON
17
Clock
pulses
Overcurrent and Auto Restart Period
tOCOFF
8
SS cycle
Positive Peak Current Limit
IPLIMIT
(Note 8)
1
1.2
1.4
A
PFM Peak Current Limit
IPK_PFM
0.34
0.4
0.5
A
Zero Cross Threshold
15
mA
Negative Current Limit
INLIMIT
(Note 8)
-0.67
-0.6
-0.53
A
POWER MOSFET
High-side
RHDS
IPHASE = 100mA, VCC = 5V
250
350
Low-side
RLDS
IPHASE = 100mA, VCC = 5V
90
130
PHASE Leakage Current
EN = PHASE = 0V
300
nA
PHASE Rise Time
tRISE
VIN = 40V
10
ns
EN/SYNC
Input Threshold
Falling edge, logic low
0.4
1V
Rising edge, logic high
1.2
1.4
V
EN Logic Input Leakage Current
EN = 0V/40V
-0.5
0.5
µA
SYNC Logic Input Leakage Current
SYNC = 0V
10
100
nA
SYNC = 5V
1.0
1.55
µA
NOTES:
7. FB forced above regulation point (0.6V), no switching, and power MOSFET gate charging current not included.
8. Established by both current sense amplifier gain test and current sense amplifier output test at IL = 0A.
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. Minimum On-Time required to maintain loop stability.
Electrical Specifications TA = -40°C to +125°C, VIN = 3V to 40V, unless otherwise noted. Typical values are at TA = +25°C. Boldface
limits apply across the junction temperature range, -40°C to +125°C (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)TYP
MAX
(Note 9)UNITS


Similar Part No. - ISL85418

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85418DEMO1Z RENESAS-ISL85418DEMO1Z Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
ISL85418EVAL1Z RENESAS-ISL85418EVAL1Z Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
ISL85418FRZ RENESAS-ISL85418FRZ Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
More results

Similar Description - ISL85418

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
   Wide VIN 300mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com