Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S643232H Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4S643232H
Description  64Mb H-die (x32) SDRAM Specification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643232H Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4S643232H Datasheet HTML 4Page - Samsung semiconductor K4S643232H Datasheet HTML 5Page - Samsung semiconductor K4S643232H Datasheet HTML 6Page - Samsung semiconductor K4S643232H Datasheet HTML 7Page - Samsung semiconductor K4S643232H Datasheet HTML 8Page - Samsung semiconductor K4S643232H Datasheet HTML 9Page - Samsung semiconductor K4S643232H Datasheet HTML 10Page - Samsung semiconductor K4S643232H Datasheet HTML 11Page - Samsung semiconductor K4S643232H Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CMOS SDRAM
- 9 -
SDRAM 64Mb H-die (x32)
Rev. 1.4 August 2004
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C
Parameter
Symbol
Test Condition
CAS
Latency
Speed
Unit
Note
50
55
60
70
Operating Current
(One Bank Active)
ICC1
Burst Length =1
tRC
≥ tRC(min), tCC ≥ tCC(min), Io = 0mA
3
140
140
130
130
mA
2
2110
Precharge Standby Current in
power-down mode
ICC2PCKE
≤ VIL(max), tCC = 10ns
2
mA
ICC2PS
CKE
& CLK ≤ VIL(max), tCC = ∞
2
Precharge Standby Current
in non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 30ns
12
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
7
Active Standby Current
in power-down mode
ICC3PCKE
≤ VIL(max), tCC = 10ns
4
mA
ICC3PS
CKE
≤ VIL(max), tCC = ∞
4
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 30ns
40
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
35
Operating Current
(Burst Mode)
ICC4
Io = 0 mA, Page Burst
All bank Activated, tCCD = tCCD(min)
3
170
160
150
140
mA
2
2120
Refresh Current
ICC5
tRC
≥ tRC(min)
3
150
150
140
120
mA
3
2120
Self Refresh Current
ICC6
CKE
≤ 0.2V
C
2mA
4
L
450
uA
5
DC CHARACTERISTICS
1. Unless otherwise notes, Input level is CMOS(VIH/VIL=VDDQ/VSSQ) in LVTTL.
2. Measured with outputs open.
3. Refresh period is 64ms.
4. K4S643232H-TC
5. K4S643232H-TL
Notes :


Similar Part No. - K4S643232H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232H-TC/L50 SAMSUNG-K4S643232H-TC/L50 Datasheet
117Kb / 12P
   64Mb H-die (x32) SDRAM Specification
K4S643232H-TC/L55 SAMSUNG-K4S643232H-TC/L55 Datasheet
117Kb / 12P
   64Mb H-die (x32) SDRAM Specification
K4S643232H-TC/L60 SAMSUNG-K4S643232H-TC/L60 Datasheet
117Kb / 12P
   64Mb H-die (x32) SDRAM Specification
K4S643232H-TC/L70 SAMSUNG-K4S643232H-TC/L70 Datasheet
117Kb / 12P
   64Mb H-die (x32) SDRAM Specification
K4S643232H-TC50 SAMSUNG-K4S643232H-TC50 Datasheet
117Kb / 12P
   64Mb H-die (x32) SDRAM Specification
More results

Similar Description - K4S643232H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232H-TC70 SAMSUNG-K4S643232H-TC70 Datasheet
117Kb / 12P
   64Mb H-die (x32) SDRAM Specification
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
   64Mb K-die SDRAM
K4S161622H SAMSUNG-K4S161622H Datasheet
108Kb / 11P
   16Mb H-die SDRAM Specification
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com