Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS13102 Datasheet(PDF) 11 Page - Semtech Corporation

Part # TS13102
Description  Solid State Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS13102 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button TS13102 Datasheet HTML 7Page - Semtech Corporation TS13102 Datasheet HTML 8Page - Semtech Corporation TS13102 Datasheet HTML 9Page - Semtech Corporation TS13102 Datasheet HTML 10Page - Semtech Corporation TS13102 Datasheet HTML 11Page - Semtech Corporation TS13102 Datasheet HTML 12Page - Semtech Corporation TS13102 Datasheet HTML 13Page - Semtech Corporation TS13102 Datasheet HTML 14Page - Semtech Corporation TS13102 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TS13102
Final Datasheet Rev 2.3
28 July 2016
11 of 16
Semtech
Proprietary & Confidential
AD2
AD1
AD0
SYSM
SYSM
SYSM
VDD
SYSM
SYSM
SYSM
SYSM
VDD
VDD
VDD
VDD
VDD
VDD
SYSM
SYSM
VDD
VDD
SYSM
VDD
SYSM
VDD
SYSM
VDD
Load #
0
1
2
3
4
5
6
7
Address Configuration Table
CISO
220pF
CVGG
470nF
Micro Controller
VCC
3.3
V
CSUB
100nF
CVDD
470nF
CDATA
100pF
DATA
CSYS
1μF
GND
Device 1
Device 2
To Other Devices
Up to Eight Total on a Common
CLK & DATA Bus
CVCC
1μF
RSYSM
100Ω
RSYSP
100Ω
RSYSM
100Ω
RSYSP
100Ω
CLK
LOAD1
VAC
CWD
22nF
CSUB
100nF
CVDD
470nF
RWD
1M
CLK
DATA
SW1
SW2
SYSP
Digital
Control
Switch
Driver
Over-
Current
Power Management
SYSM
AD1
AD2
AD0
Watchdog
TS13102
CLK
DATA
SW1
SW2
SYSP
Digital
Control
Switch
Driver
Over-
Current
Power Management
SYSM
AD1
AD2
AD0
Watchdog
TS13102
CVGG
470nF
LOAD2
Latching
Configuration
Non-Latching
Configuration
DSW1
DSW2
DSW1
DSW2
Figure 5: System Configuration with Multiple Switches


Similar Part No. - TS13102

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS13101 SEMTECH-TS13101 Datasheet
555Kb / 10P
   Galvanic Isolated Latching 60V Power Load Switch
TS13101-QFNR SEMTECH-TS13101-QFNR Datasheet
555Kb / 10P
   Galvanic Isolated Latching 60V Power Load Switch
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13101M-QFNR SEMTECH-TS13101M-QFNR Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13103 SEMTECH-TS13103 Datasheet
714Kb / 16P
   Solid State Relay with Diagnostics
More results

Similar Description - TS13102

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com