Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9076 Datasheet(PDF) 5 Page - Semtech Corporation

Part # GS9076
Description  SD-SDI Automatic Reclocker
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9076 Datasheet(HTML) 5 Page - Semtech Corporation

  GS9076 Datasheet HTML 1Page - Semtech Corporation GS9076 Datasheet HTML 2Page - Semtech Corporation GS9076 Datasheet HTML 3Page - Semtech Corporation GS9076 Datasheet HTML 4Page - Semtech Corporation GS9076 Datasheet HTML 5Page - Semtech Corporation GS9076 Datasheet HTML 6Page - Semtech Corporation GS9076 Datasheet HTML 7Page - Semtech Corporation GS9076 Datasheet HTML 8Page - Semtech Corporation GS9076 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
GS9076 Data Sheet
44617 - 1
January 2008
5 of 25
1.2 GS9076 Pin Descriptions
Table 1-1: Pin Descriptions
Pin Number
Name
Type
Description
1, 3
DDI0, DDI0
Input
Serial digital differential input 0.
2
DDI0_VTT
Passive
Center tap of two 50
Ω on-chip termination resistors between DDI0 and DDI0.
4, 8, 12,16, 32,
43, 49
GND
Passive
Recommended connect to GND.
5, 7
DDI1,DDI1
Input
Serial digital differential input 1.
6
DDI1_VTT
Passive
Center tap of two 50
Ω on-chip termination resistors between DDI1 and DDI1.
9, 11
DDI2, DDI2
Input
Serial digital differential input 2.
10
DDI2_VTT
Passive
Center tap of two 50
Ω on-chip termination resistors between DDI2 and DDI2.
13, 15
DDI3, DDI3
Input
Serial digital differential input 3.
14
DDI3_VTT
Passive
Center tap of two 50
Ω on-chip termination resistors between DDI3 and DDI3.
17, 18
DDI_SEL[1:0]
Logic Input
Serial digital input select.
19
BYPASS
Logic Input
Bypass the reclocker stage.
When BYPASS is HIGH, it overwrites the AUTOBYPASS setting.
20
AUTOBYPASS
Logic Input
Automatically bypasses the reclocker stage when the PLL is not locked
This pin is ignored when BYPASS is HIGH.
21
AUTO
Logic Input
Auto select.
This pin should be set HIGH for automatic SD-SDI and DVB-ASI standard
detection.
22
VCC_VCO
Power
Most positive power supply connection for the internal VCO section.
Connect to 3.3V.
23
VEE_VCO
Power
Most negative power supply connection for the internal VCO section.
Connect to GND.
24, 25, 26
SS[2:0]
Bi-directional
The SS[2:0] pins will display 010 when the internal PLL has locked to a 270Mb/s
input data rate.
27
NC
No Connect
Not connected internally.
28
LOCKED
Output
Lock Detect.
This pin is set HIGH by the device when the PLL is locked.
DDI_SEL1
DDI_SEL0
INPUT SELECTED
0
0
DDI0
0
1
DDI1
1
0
DDI2
1
1
DDI3


Similar Part No. - GS9076

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
GS9076-CNE3 GENNUM-GS9076-CNE3 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
More results

Similar Description - GS9076

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
National Semiconductor ...
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
[Old version datasheet]   SD SDI Reclocker with Dual Differential Outputs
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com