Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4900B Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS4900B
Description  SD Clock and Timing Generator with GENLOCK
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS4900B Datasheet(HTML) 1 Page - Semtech Corporation

  GS4900B Datasheet HTML 1Page - Semtech Corporation GS4900B Datasheet HTML 2Page - Semtech Corporation GS4900B Datasheet HTML 3Page - Semtech Corporation GS4900B Datasheet HTML 4Page - Semtech Corporation GS4900B Datasheet HTML 5Page - Semtech Corporation GS4900B Datasheet HTML 6Page - Semtech Corporation GS4900B Datasheet HTML 7Page - Semtech Corporation GS4900B Datasheet HTML 8Page - Semtech Corporation GS4900B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
GS4901B/GS4900B SD Clock and Timing Generator with GENLOCK
1 of 102
GS4901B/GS4900B SD Clock and Timing Generator
with GENLOCK
Data Sheet
37703 - 4
December 2009
www.gennum.com
Key Features
Video Clock Synthesis
Pre-programmed for 4 video clock periods (14.32 MHz, 27
MHz, 36 MHz, and 54 MHz)
Accuracy of free-running clock frequency limited only by
crystal reference
One differential and two single-ended video clock outputs
Each clock may be individually delayed for skew control
Video output clock may be directly connected to Gennum’s
serializers for a SMPTE-compliant SDI output
Audio Clock Synthesis (GS4901B only)
Three audio clock outputs
Generates any audio clock up to 512*96kHz
Pre-programmed for 7 audio clocks
Timing Generation
Generates up to 8 timing signals at a time
Choose from 9 pre-programmed timing signals: H and V sync
and blanking, F Sync, F Digital, AFS (GS4901B only), Display
Enable, 10FID, and up to 4 user-defined timing signals
Pre-programmed to generate timing for 9 different video
formats
Genlock Capability
Clocks may be free-running or genlocked to an input
reference with a variable offset step size of 100-200ps
(depending on exact clock frequency)
Variable timing offset step size of 100-200ps up to one frame
Output may be cross-locked to a different input reference
Freeze operation on loss of reference
Optional crash or drift lock on application of reference
Automatic input format detection
General Features
Reduces design complexity and saves board space - 9mm x
9mm package plus crystal reference replaces multiple
VCXOs, PLLs and timing generators
Pb-free and RoHS Compliant
Low power operation typically 300mW
1.8V core and 1.8V or 3.3V I/O power supplies
64-PIN QFN package
Applications
Video cameras; Digital audio and/or video recording/play
back devices; Digital audio and/or video processing devices;
Computer/video displays; DVD/MPEG devices; Digital Set
top boxes; Video projectors; High definition video systems;
Multi-media PC applications
Description
The GS4901B is a highly flexible, digitally controlled clock
synthesis circuit and timing generator with genlock
capability. It can be used to generate video and audio
clocks and timing signals, and allows multiple devices to be
genlocked to an input reference.
The GS4900B includes all the features of the GS4901B, but
does not offer audio clocks or AFS pulse generation.
The GS4901B/GS4900B will recognize input reference
signals conforming to 36 different video standards, and will
genlock the output timing information to the incoming
reference. The GS4901B/GS4900B supports cross-locking,
allowing the output to be genlocked to an incoming
reference that is different from the output video standard
selected.
The user may select to output one of 4 different video
sample clock rates. The chosen clock frequency can be
further divided using internal dividers, and is available on
two video clock outputs and one LVDS video clock output
pair. The video clocks are frequency and phased-locked to
the horizontal timing reference, and can be individually
delayed with respect to the timing outputs for clock skew
control.
Eight user-selectable timing outputs are provided that can
automatically produce the following timing signals for 9
different video formats: HSync, Hblanking, VSync,
Vblanking, F sync, F digital, AFS (GS4901B only), DE, and
10FID. These timing outputs may be locked to the input
reference signal for genlock timing and may be phase
adjusted via internal registers.
In addition, the GS4901B provides three audio sample
clock outputs that can produce audio clocks up to 512fs
with fs ranging from 9.7kHz to 96kHz. Audio to video
phasing is accomplished by an external 10FID input
reference, a 10FID signal specified via internal registers, or
a user-programmed audio frame sequence.
The GS4901B/GS4900B is Pb-free, and the encapsulation
compound does not contain halogenated flame retardant
(RoHS Compliant).


Similar Part No. - GS4900B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4900B GENNUM-GS4900B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
GS4900B GENNUM-GS4900B Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
GS4900BCNE3 GENNUM-GS4900BCNE3 Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
More results

Similar Description - GS4900B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
GS4911B GENNUM-GS4911B_09 Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4911B GENNUM-GS4911B Datasheet
1Mb / 113P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Sanyo Semicon Device
LC99012A-S SANYO-LC99012A-S Datasheet
59Kb / 6P
   Black-and-White CCD Timing Generator
logo
National Semiconductor ...
DP8224 NSC-DP8224 Datasheet
143Kb / 8P
   Clock Generator and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com