Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2971A Datasheet(PDF) 97 Page - Semtech Corporation

Part # GS2971A
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2971A Datasheet(HTML) 97 Page - Semtech Corporation

Back Button GS2971A Datasheet HTML 93Page - Semtech Corporation GS2971A Datasheet HTML 94Page - Semtech Corporation GS2971A Datasheet HTML 95Page - Semtech Corporation GS2971A Datasheet HTML 96Page - Semtech Corporation GS2971A Datasheet HTML 97Page - Semtech Corporation GS2971A Datasheet HTML 98Page - Semtech Corporation GS2971A Datasheet HTML 99Page - Semtech Corporation GS2971A Datasheet HTML 100Page - Semtech Corporation GS2971A Datasheet HTML 101Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 152 page
background image
GS2971A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54311 - 2
September 2012
97 of 152
4.20.3 GSPI Timing
Write and Read Mode timing for the GSPI interface;
Figure 4-51:Write Mode
Figure 4-52:Read Mode
Figure 4-53:GSPI Time Delay
R/W
RSV
RSV
Auto
_Inc
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
SCLK _TCLK
CS _TMS
SDIN _TDI
SDOUT _TDO
t0
t3
t1
t2
R/W
RSV
RSV
Auto
_Inc
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
t
8
t4
t
7
R/W
RSV
RSV
Auto
_Inc
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
D15D14
D13D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
SCLK _TCLK
CS _ TMS
SDIN _TDI
SDOUT _TDO
t5
R/W
RSV
RSV
Auto
_Inc
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
t6
SDIN_TDI
data_0
SDIN_TDI to SDOUT_TDO combinational path for daisy chain connection of multiple GS2971A devices.
SDOUT_TDO
data_0
TDELAY
Table 4-26: GSPI Time Delay
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Delay time
tDELAY
50% levels;
1.8V operation
−−
13.1
ns
Delay time
tDELAY
50% levels;
3.3V operation
−−
9.7
ns


Similar Part No. - GS2971A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
More results

Similar Description - GS2971A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com