Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM34408AA-N Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM34408AA-N
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM34408AA-N Datasheet(HTML) 4 Page - ELM Electronics

  ELM34408AA-N Datasheet HTML 1Page - ELM Electronics ELM34408AA-N Datasheet HTML 2Page - ELM Electronics ELM34408AA-N Datasheet HTML 3Page - ELM Electronics ELM34408AA-N Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Single N-channel MOSFET
ELM34408AA-N
4 -
4
Mar-21-2005
N-Channel Enhancement Mode Field
Effect Transistor
P1803BVG
SOP-8
Lead Free
NIKO-SEM
MAXIMUM SAFE OPERATING AREA
SINGLEPULSE
V = 10V
10
」c
GS
DS
ds(on
)
R
Limit
DC
100µS
1s
10s
V ,DRAIN-SOURCEVOLTAGE
-1
0
10
1
10
2
10
0
10
1
10
2
10
10
-1
10
-2
1ms
10ms
100ms
R =125 °C/W
JA
T =25 °C
A


Similar Part No. - ELM34408AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34408AA-N ELM-TECH-ELM34408AA-N Datasheet
429Kb / 4P
   Single N-channel MOSFET
More results

Similar Description - ELM34408AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com