Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30WR10KLFTR Datasheet(PDF) 3 Page - Bi technologies

Part # 30WR10KLFTR
Description  Cermet Trimming Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

30WR10KLFTR Datasheet(HTML) 3 Page - Bi technologies

  30WR10KLFTR_10 Datasheet HTML 1Page - Bi technologies 30WR10KLFTR_10 Datasheet HTML 2Page - Bi technologies 30WR10KLFTR_10 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL 35
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
February 25, 2010
page 3 of
3
BI technologies
STANDARD RESISTANCE VALUES
Resistance
(ohms)
100
200
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1MEG
OUTLINE DRAWING3
Model 35W (Top Adjust)
3
Dimensions are mm.


Similar Part No. - 30WR10KLFTR_10

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30W006 NJSEMI-30W006 Datasheet
59Kb / 1P
   Schottky Rectifiers
30W006 NJSEMI-30W006 Datasheet
59Kb / 1P
   Schottky Rectifiers
30W006 NJSEMI-30W006 Datasheet
59Kb / 1P
   Schottky Rectifiers
30WF10 NJSEMI-30WF10 Datasheet
61Kb / 1P
   Ultra-Fast Recovery
30WF10 NJSEMI-30WF10 Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
More results

Similar Description - 30WR10KLFTR_10

ManufacturerPart #DatasheetDescription
logo
Bi technologies
25PR10KLFTR BITECH-25PR10KLFTR_14 Datasheet
383Kb / 4P
   Cermet Trimming Potentiometer
logo
TT Electronics.
MODEL67 TTELEC-MODEL67 Datasheet
550Kb / 3P
   Cermet Trimming Potentiometer
logo
Bi technologies
23AR10KLFTR BITECH-23AR10KLFTR_11 Datasheet
132Kb / 3P
   Cermet Trimming Potentiometer
36WR10KLF BITECH-36WR10KLF_09 Datasheet
78Kb / 3P
   Cermet Trimming Potentiometer
45GER10KLF BITECH-45GER10KLF_13 Datasheet
305Kb / 3P
   Cermet Trimming Potentiometer
68PFR10KLF BITECH-68PFR10KLF Datasheet
272Kb / 3P
   Cermet Trimming Potentiometer
67PFR10KLF BITECH-67PFR10KLF Datasheet
474Kb / 3P
   Cermet Trimming Potentiometer
66PFR10KLF BITECH-66PFR10KLF Datasheet
266Kb / 3P
   Cermet Trimming Potentiometer
43WR10KLF BITECH-43WR10KLF_09 Datasheet
68Kb / 3P
   Cermet Trimming Potentiometer
logo
TT Electronics.
MODEL44 TTELEC-MODEL44 Datasheet
507Kb / 3P
   Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com