Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN11-HNM Datasheet(PDF) 1 Page - Bi technologies

Part # EN11-HNM
Description  11mm Rotary Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

EN11-HNM Datasheet(HTML) 1 Page - Bi technologies

  EN11-HNM Datasheet HTML 1Page - Bi technologies EN11-HNM Datasheet HTML 2Page - Bi technologies EN11-HNM Datasheet HTML 3Page - Bi technologies EN11-HNM Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model EN11
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
March 20, 2015
page 1 of 4
BI technologies
11mm Rotary Encoder
2 Bits Gray Code
Incremental/Contacting Type
Metal Bushing/Shaft
Push-on Switch Option
RoHS Compliant
MODEL STYLES
Top Adjust, with Switch, Threaded Bushing
EN11-HSM
Top Adjust, without Switch, Threaded Bushing
EN11-HNM
Top Adjust, with Switch, Plain Bushing
EN11-HSB
Top Adjust, without Switch, Plain Bushing
EN11-HNB
Side Adjust, with Switch, Threaded Bushing
EN11-VSM
Side Adjust, without Switch, Threaded Bushing
EN11-VNM
Side Adjust, with Switch, Plain Bushing
EN11-VSB
Side Adjust, without Switch, Plain Bushing
EN11-VNB
ELECTRICAL1
Pulses ( Per Revolution )
15, 20
Encoder Closed Circuit Resistance
3 Ohms, max.
Encoder Contact Rating
10mA/ 5Vdc
Operating Current, Maximum
10mA
Dielectric Strength
300Vac/1mA, I minute
Insulation Resistance, Minimum
100M ohms at 250Vdc/ 1mA
Sliding Noise ( at 60 RPM )
2.0ms max.
Contact Bounce ( at 15 RPM)
5.0ms max.
Operating Speed ( RPM )
100 RPM max.
Switch Power rating
10mA/ 5Vdc
Switch Contact Resistance
100 milliohms
Actual Electrical Travel, Nominal
Continuous
MECHANICAL
Total Mechanical Travel
Continuous
Detents ( per Revolution)
0, 20 and 30
Rotational Torque of Detent, Maximum
2.5 oz-in
Switch Operating Force
550 gf
Switch Travel
0.5mm
1
Specifications subject to change without notice.


Similar Part No. - EN11-HNM

ManufacturerPart #DatasheetDescription
logo
Bi technologies
EN11-HNM0AF20 BITECH-EN11-HNM0AF20 Datasheet
584Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN11-HNM0AF20 BITECH-EN11-HNM0AF20 Datasheet
144Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN11-HNM0AQ20 BITECH-EN11-HNM0AQ20 Datasheet
584Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN11-HNM0AQ20 BITECH-EN11-HNM0AQ20 Datasheet
144Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN11-HNM0BF20 BITECH-EN11-HNM0BF20 Datasheet
584Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
More results

Similar Description - EN11-HNM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
   11mm Rotary Encoder
logo
Bi technologies
EN11 BITECH-EN11_12 Datasheet
133Kb / 4P
   11mm Rotary Encoder
P110KV BITECH-P110KV_12 Datasheet
92Kb / 5P
   11mm Rotary Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EC11B15244 ALPS-EC11B15244 Datasheet
543Kb / 9P
   11mm size tow-profile rotary encoder (incremental type) for microscopic current circuits
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
   Rotary Encoder
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
   Absolute Rotary Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com